Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT50P06L-T2Q-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTT50P06L-T2Q-R
Description  P-CHANNEL (D-S) POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT50P06L-T2Q-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTT50P06L-T2Q-R Datasheet HTML 1Page - Unisonic Technologies UTT50P06L-T2Q-R Datasheet HTML 2Page - Unisonic Technologies UTT50P06L-T2Q-R Datasheet HTML 3Page - Unisonic Technologies UTT50P06L-T2Q-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTT50P06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-596.C
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS VGS=0V, ID=-250µA
-60
V
Gate Threshold Voltage
VGS(TH) VDS=VGS, ID=-250µA
-1
-3
V
Drain-Source Leakage Current
IDSS
VDS=-60V, VGS=0V
-1
µA
VDS=-60V, VGS=0V, TJ=125°C
-50
VDS=-60V, VGS=0V, TJ=150°C
-100
Gate- Source Leakage Current
Forward
IGSS
VGS=+20V, VDS=0V
+100
nA
Reverse
VGS=-20V, VDS=0V
-100
nA
ON CHARACTERISTICS
Static Drain-Source On-State Resistance
(Note 1)
RDS(ON)
VGS=-10V, ID=-17A
0.012
0.015
Ω
VGS=-10V, ID=-50A, TJ=125°C
0.025
VGS=-10V, ID=-50A, TJ=150°C
0.028
VGS=-4.5V, ID=-14A
0.020
Forward Transconductance (Note 1)
gFS
VDS=-15V, ID=-17A
61
S
On State Drain Current (Note 1)
ID(ON)
VGS=-10V, VDS=-5V
-50
A
DYNAMIC PARAMETERS
(Note 2)
Input Capacitance
CISS
VGS=0V, VDS=-25V, f=1MHz
4950
pF
Output Capacitance
COSS
480
pF
Reverse Transfer Capacitance
CRSS
405
pF
SWITCHING PARAMETERS
(Note 2, 3)
Total Gate Charge
QG
VGS=-10V, VDS=-30V, ID=-50A
110
165
nC
Gate to Source Charge
QGS
19
nC
Gate to Drain Charge
QGD
28
nC
Turn-ON Delay Time
tD(ON)
VDD=-30V, RL=0.6Ω, ID≈ -50A,
VGEN=-10V, RG=6Ω
15
23
ns
Rise Time
tR
70
105
ns
Turn-OFF Delay Time
tD(OFF)
175
260
ns
Fall-Time
tF
175
260
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
(TC=25°C) (Note 2)
Maximum Body-Diode Continuous Current
IS
-50
A
Maximum Body-Diode Pulsed Current
ISM
-80
A
Drain-Source Diode Forward Voltage (Note 1)
VSD
IF=-50A, VGS=0V
-1.0
-1.6
V
Body Diode Reverse Recovery Time
tRR
IF=-50A, dI/dt=100A/µs
45
70
ns
Notes: 1. Pulse test; pulse width≤300µs, duty cycle≤2%.
2. Guaranteed by design, not subject to production testing.
3. Independent of operating temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com