Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK73B2HTTP102G Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # RK73B2HTTP102G
Description  general purpose 2%, 5% tolerance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RK73B2HTTP102G Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  RK73B2HTTP102G Datasheet HTML 1Page - KOA Speer Electronics, Inc. RK73B2HTTP102G Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RK73B
general purpose 2%, 5% tolerance
thick film chip resistor
* Please refer to the “Higher Power Ratings” statement in the beginning of the catalog. Also, contact KOA prior to usage and for the max. working voltage
and max. overload voltage.
Maximum
Working
Voltage
J±5%
E-24
G±2%
E-24
Part
Designation
Maximum
Overload
Voltage
Operating
Temperature
Range
Power
Rating
@70°C
T.C.R.
(x10-6/K)
applications and ratings
RK73B1H
(0201)
RK73B1E
(0402)
0.05W
0.063W (0.1W*)
RK73B1J
(0603)
0.10W (0.125W*)
RK73B2A
(0805)
0.125W (0.25W*)
RK73B2B
(1206)
RK73B2E
(1210)
0.25W
±200
10Ω - 10MΩ
10Ω - 10MΩ
25V
50V
50V
100V
150V
200V
200V
400V
-55°C to
+125°C
-55°C to
+155°C
Rated
Terminal
Part
Temperature
—
125°C
±200
1Ω - 10MΩ
±400
1Ω - 10MΩ
RK73BW2H/2H
(2010)
RK73BW3A/3A
(2512)
0.75W
1.0W
±200
1Ω - 10MΩ
1Ω - 10MΩ
11MΩ - 22MΩ
1Ω - 1MΩ
1.1MΩ - 10MΩ
1Ω - 5.6MΩ
6.2MΩ - 22MΩ
6.2MΩ - 22MΩ
6.2MΩ - 22MΩ
—
1Ω - 1MΩ
1.1MΩ - 10MΩ
1Ω - 5.6MΩ
10Ω - 1kΩ
1.1kΩ - 5.6MΩ
10Ω - 5.6MΩ
1Ω - 5.6MΩ
1Ω - 5.6MΩ
10Ω - 5.6MΩ
1Ω - 1KΩ
1.1KΩ - 5.6MΩ
6.2MΩ - 10MΩ
6.2MΩ - 10MΩ
±200
±400
±200
±200
±400
0.50W
0.33W (0.5W*)
±400
—
—
—
±200
±400
±200
±400
±400
—
1Ω - 9.1Ω
±200
100kΩ - 1MΩ
100kΩ - 1MΩ
0.03W
RK73B1F
(01005)
20V
30V
400V
(500V*)
200V
(500V*)
±250
100Ω - 91kΩ
100Ω - 91kΩ
±300
10Ω - 91Ω
10Ω - 91Ω
0~+300
1Ω - 9.1Ω
1Ω - 9.1Ω
PerformanceCharacteristics
Parameter
Requirement∆R(%+0.1Ω)
Limit
Typical
TestMethod
Resistance
T.C.R.
25°C
+25°C/-55°C and +25°C/+125°C
Within specified tolerance
Within specified T.C.R.
—
—
Overload (Short time)
Rated Voltage x 2.5 for 5 seconds
(2B: Rated Voltage x 2 for 5 seconds)
±2%
±1%: 1F
±0.5%: Another
Resistance to Soldering Heat
260°C ± 5°C, 10 seconds ± 1 second
±1%: 1F~W3A (10Ω≤R≤1MΩ)
±3%: 1F~W3A (R<10Ω, R>1MΩ)
±0.5%: 1F~W3A
(10Ω≤R≤1MΩ); ±1%: 1F~W3A
(R<10Ω, R>1MΩ)
Rapid Change of Temperature
-55°C (30 minutes), +125°C (30 minutes), 100 cycles
±1%: 1F
±0.5%: Another
±0.5%: 1F
±0.3%: Another
Moisture Resistance
40°C ± 2°C, 90%-95% RH, 1000 hours, 1.5 hr ON,
0.5 hr OFF cycle
±2%: 1J, 2A, 2B
±3%: Another
±0.75%: 1J, 2A, 2B
±1.5%: 1F
±1%: Another
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±2%: 1J, 2A, 2B
±3%: Another
±0.75%: 1J, 2A, 2B
±1%: Another
High Temperature Exposure
+125°C, 1000 hours: 1F; +155°C, 1000 hours: 1E, 1H,
1J, 2A, 2B, 2E, 2H/W2H, 3A/W3A
±1%
±0.5%: 1F
±0.3%: Another
environmental applications
14
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
12/05/14
ResistanceRange
Rated ambient temperature: +70°C
Rated voltage = √Power rating x resistance value or max. working voltage, whichever is lower



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com