Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE51142 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE51142
Description  Paddle Portable Dual Band Band Antenna Operates From With a Maximum 6 dBi Gain SMA Female Input Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51142 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE51142 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE51142 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
2
Outline Drawing
Paddle Portable Dual Band Band Antenna Operates From With a Maximum 6 dBi Gain SMA Female Input Connector from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Paddle Portable Dual Band Band Antenna Operates From With a Maximum 6 dBi Gain SMA
Female Input Connector PE51142
URL:
PE51142
PE51142 REV 1.0
Paddle Portable Dual Band Band Antenna Operates From
With a Maximum 6 dBi Gain SMA Female Input Connector



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com