Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE51144 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE51144
Description  Paddle Portable Dual Band Band Antenna Operates From With a Maximum 6 dBi Gain SMA Female Input Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51144 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE51144 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE51144 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
1
Configuration
Design
Paddle Portable
Gain
3.5 to 6 dB
Interface 1
SMA Female Reverse Polarity
Number of Output Ports
1
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Impedance
50
Ohms
Input VSWR
2:1
.
Specifications by Band
Description
Band 1
Band 2
Band 3
Band 4
Band 5
Units
Range
2.4 to 2.5
5 to 5.9
GHz
Gain
3.5
6
dB
.
Mechanical Specifications
Temperature
Operating Range
-10 to +55 deg C
Size
Length
4.9 in [124.46 mm]
Width
0.9 in [22.86 mm]
Height
0.5 in [12.7 mm]
.
Weight
0.04 lbs [18.14 g]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Paddle Portable Dual Band Band Antenna Operates From With a Maximum 6 dBi Gain SMA
Female Input Connector PE51144
PE51144
PE51144 REV 1.0
Paddle Portable Dual Band Band Antenna Operates From
With a Maximum 6 dBi Gain SMA Female Input Connector


Similar Part No. - PE51144

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51141 PASTERNACK-PE51141 Datasheet
316Kb / 2P
Fixed Antenna Operates From 2.4 GHz to 2.5 GHz With a Maximum 11 dBi Gain N Female Input Connector
PE51142 PASTERNACK-PE51142 Datasheet
352Kb / 2P
Paddle Portable Dual Band Band Antenna Operates From With a Maximum 6 dBi Gain SMA Female Input Connector
PE51143 PASTERNACK-PE51143 Datasheet
351Kb / 2P
Paddle Portable Dual Band Band Antenna Operates From With a Maximum 6 dBi Gain SMA Female Input Connector
PE51145 PASTERNACK-PE51145 Datasheet
298Kb / 3P
Whip Antenna Operates From 400 MHz to 420 MHz With a Typical 0 dBi Gain SMA Female Input Connector IP67 Rated
PE51146 PASTERNACK-PE51146 Datasheet
329Kb / 3P
Whip Antenna Operates From 400 MHz to 420 MHz With a Typical 0 dBi Gain MX Input Connector IP67 Rated
More results

Similar Description - PE51144

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51142 PASTERNACK-PE51142 Datasheet
352Kb / 2P
Paddle Portable Dual Band Band Antenna Operates From With a Maximum 6 dBi Gain SMA Female Input Connector
PE51143 PASTERNACK-PE51143 Datasheet
351Kb / 2P
Paddle Portable Dual Band Band Antenna Operates From With a Maximum 6 dBi Gain SMA Female Input Connector
PE51154 PASTERNACK-PE51154 Datasheet
329Kb / 3P
Whip Antenna Operates From 698 MHz to 870 MHz With a Typical 2 dBi Gain SMA Female Input Connector IP67 Rated
PE51156 PASTERNACK-PE51156 Datasheet
330Kb / 3P
Whip Antenna Operates From 806 MHz to 880 MHz With a Typical 0 dBi Gain SMA Female Input Connector IP67 Rated
PE51159 PASTERNACK-PE51159 Datasheet
330Kb / 3P
Whip Antenna Operates From 420 MHz to 450 MHz With a Typical 0 dBi Gain SMA Female Input Connector IP67 Rated
PE51141 PASTERNACK-PE51141 Datasheet
316Kb / 2P
Fixed Antenna Operates From 2.4 GHz to 2.5 GHz With a Maximum 11 dBi Gain N Female Input Connector
PE51068 PASTERNACK-PE51068 Datasheet
314Kb / 3P
GPS Passive Dual Band Antenna Operates From 1.22 GHz to 1.58 GHz With a Nominal 6 dBic Gain N Female Input Connector
PE51135A PASTERNACK-PE51135A Datasheet
390Kb / 4P
Antenna Operates From 4.4 GHz to 5 GHz with a Maximum 6 dBi Gain N Male Input Connector Rated
PE51158 PASTERNACK-PE51158 Datasheet
344Kb / 2P
Dome Multi Band Antenna Operates From 698 MHz to 2.7 GHz With a Maximum 5 dBi Gain N Female Input Connector
PE51168 PASTERNACK-PE51168 Datasheet
425Kb / 5P
Low PIM Multi Band Dome Antenna Operates From 698 MHz to 5.9 GHz With a Typical 6 dBi Gain N Female Input Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com