Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE51145 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE51145
Description  Whip Antenna Operates From 400 MHz to 420 MHz With a Typical 0 dBi Gain SMA Female Input Connector IP67 Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51145 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE51145 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE51145 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE51145 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
3
Whip Antenna Operates From 400 MHz to 420 MHz With a Typical 0 dBi Gain SMA Female Input Connector IP67 Rated
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millime-
ter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Whip Antenna Operates From 400 MHz to 420 MHz With a Typical 0 dBi Gain SMA Female
Input Connector IP67 Rated PE51145
URL: http://www.pasternack.com/single-antenna-400-420-mhz-0-dbi-gain-sma-pe51145-p.aspx
PE51145
PE51145 REV 1.0
Whip Antenna Operates From 400 MHz to 420 MHz With a
Typical 0 dBi Gain SMA Female Input Connector IP67 Rated



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com