Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE51153 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE51153
Description  Whip Antenna Operates From 698 MHz to 780 MHz With a Typical 0 dBi Gain MX Input Connector IP67 Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51153 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE51153 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE51153 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE51153 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
3
Whip Antenna Operates From 698 MHz to 780 MHz With a Typical 0 dBi Gain MX Input Connector IP67 Rated from Pas-
ternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Whip Antenna Operates From 698 MHz to 780 MHz With a Typical 0 dBi Gain MX Input Con-
nector IP67 Rated
PE51153
URL: http://www.pasternack.com/single-antenna-698-780-mhz-0-dbi-gain-mx-pe51153-p.aspx
PE51153
PE51153 REV 1.1
Whip Antenna Operates From 698 MHz to 780 MHz With
a Typical 0 dBi Gain MX Input Connector IP67 Rated



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com