Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI1553CDL Datasheet(PDF) 2 Page - Vishay Telefunken

Part # SI1553CDL
Description  N- and P-Channel 20 V (D-S) MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1553CDL Datasheet(HTML) 2 Page - Vishay Telefunken

  SI1553CDL Datasheet HTML 1Page - Vishay Telefunken SI1553CDL Datasheet HTML 2Page - Vishay Telefunken SI1553CDL Datasheet HTML 3Page - Vishay Telefunken SI1553CDL Datasheet HTML 4Page - Vishay Telefunken SI1553CDL Datasheet HTML 5Page - Vishay Telefunken SI1553CDL Datasheet HTML 6Page - Vishay Telefunken SI1553CDL Datasheet HTML 7Page - Vishay Telefunken SI1553CDL Datasheet HTML 8Page - Vishay Telefunken SI1553CDL Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Si1553CDL
www.vishay.com
Vishay Siliconix
S14-1130-Rev. B, 02-Jun-14
2
Document Number: 67693
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP. a
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
N-Ch
20
-
-
V
VGS = 0 V, ID = -250 μA
P-Ch
-20
-
-
VDS Temperature Coefficient
ΔVDS/TJ
ID = 250 μA
N-Ch
-
24
-
mV/°C
ID = -250 μA
P-Ch
-
-13
-
VGS(th) Temperature Coefficient
ΔVGS(th)/TJ
ID = 250 μA
N-Ch
-
-1.8
-
ID = -250 μA
P-Ch
-
2.3
-
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
N-Ch
0.6
-
1.5
V
VDS = VGS, ID = -250 μA
P-Ch
-0.6
-
-1.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
N-Ch
-
-
± 100
nA
P-Ch
-
-
± 100
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
N-Ch
-
-
1
μA
VDS = -20 V, VGS = 0 V
P-Ch
-
-
-1
VDS = 20 V, VGS = 0 V, TJ = 55 °C
N-Ch
-
-
10
VDS = -20 V, VGS = 0 V, TJ = 55 °C
P-Ch
-
-
-10
On-State Drain Current b
ID(on)
VDS = 5 V, VGS = 5 V
N-Ch
2
-
-
A
VDS = -5 V, VGS = -5 V
P-Ch
-1
-
-
Drain-Source On-State Resistance b
RDS(on)
VGS = 4.5 V, ID = 0.7 A
N-Ch
-
0.325
0.390
Ω
VGS = -4.5 V, ID = -0.4 A
P-Ch
-
0.708
0.850
VGS = 2.7 V, ID = 0.4 A
N-Ch
-
0.425
0.510
VGS = -2.7 V, ID = -0.2 A
P-Ch
-
1.130
1.350
VGS = 2.5 V, ID = 0.4 A
N-Ch
-
0.462
0.578
VGS = -2.5V, ID = -0.2 A
P-Ch
-
1.230
1.480
Forward Transconductance b
gfs
VDS = 15 V, ID = 0.7 A
N-Ch
-
1.5
-
S
VDS = -15 V, ID = -0.5 A
P-Ch
-
0.8
-
Dynamic a
Input Capacitance
Ciss
N-Channel
VDS = 10 V, VGS = 0 V, f = 1 MHz
P-Channel
VDS = -10 V, VGS = 0 V, f = 1 MHz
N-Ch
-
38
-
pF
P-Ch
-
43
-
Output Capacitance
Coss
N-Ch
-
14
-
P-Ch
-
16
-
Reverse Transfer Capacitance
Crss
N-Ch
-
6
-
P-Ch
-
10
-
Total Gate Charge
Qg
VDS = 10 V, VGS = 10 V, ID = 0.7 A
N-Ch
-
1.2
1.8
nC
VDS = -10 V, VGS = -10 V, ID = -0.5 A
P-Ch
-
1.9
3
N-Channel
VDS = 10 V, VGS = 4.5 V ID = 0.5 A
P-Channel
VDS = -10 V, VGS = -4.5 V, ID = -0.4 A
N-Ch
-
0.55
1.1
P-Ch
-
0.95
1.5
Gate-Source Charge
Qgs
N-Ch
-
0.15
-
P-Ch
-
0.25
-
Gate-Drain Charge
Qgd
N-Ch
-
0.15
-
P-Ch
-
0.25
-
Gate Resistance
Rg
f = 1 MHz
N-Ch
1.5
7.2
14.4
Ω
P-Ch
2.1
10.3
20.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com