Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABS2UL-ABS-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # ABS2UL-ABS-R
Description  SCHOTTKY BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ABS2UL-ABS-R Datasheet(HTML) 2 Page - Unisonic Technologies

  ABS2UL-ABS-R Datasheet HTML 1Page - Unisonic Technologies ABS2UL-ABS-R Datasheet HTML 2Page - Unisonic Technologies ABS2UL-ABS-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ABS2U THRU ABS10U
SCHOTTKY BRIDGE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R202-054.A
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
Single phase, half wave, 60Hz, resistive or inductive load. For capacitance load, derate current by 20%.
RATINGS
PARAMETER
SYMBOL
ABS2U ABS4U ABS6U ABS8U ABS10U
UNIT
Repetitive Peak Reverse Voltage
VRRM
200
400
600
800
1000
V
Working Peak Reverse Voltage
VRWM
200
400
600
800
1000
DC Blocking Voltage
VDC
200
400
600
800
1000
V
RMS Voltage
VRMS
140
280
420
560
700
V
Average Rectified Output Current
TA=30°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current,
8.3ms Single Half Sine-Wave Superimposed on
Rated Load (JEDEC Method)
IFSM
35
A
Operating Junction Temperature Range
TJ
-55~+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Mounted on glass epoxy pc board with 1.3mm
2 solder pad.
3. Mounted on aluminum substrate PC board with 1.3mm
2 solder pad.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°С/W
Note: Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Instantaneous Forward Voltage
VF
IF=1.0A
1.1
V
TJ=25°C
5.0
μA
DC Reverse Current at Rated DC Blocking
Voltage
IR
TJ=125°C
500
μA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com