Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS316G-CB2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BAS316G-CB2-R
Description  HIGH-SPEED DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BAS316G-CB2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  BAS316G-CB2-R Datasheet HTML 1Page - Unisonic Technologies BAS316G-CB2-R Datasheet HTML 2Page - Unisonic Technologies BAS316G-CB2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAS316
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R201-095.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
repetitive Peak Reverse Voltage
VRRM
85
V
Continuous Reverse Voltage
VR
75
V
Continuous Forward Current
TS=90°C (Note 1)
IF
250
mA
Repetitive Peak Forward Current
IFRM
500
mA
t=1µs
4
A
t=1ms
1
A
Non-Repetitive Peak Forward
Current
Square Wave,
TJ=25°C Prior to Surge
t=1s
IFSM
0.5
A
Total Power Dissipation
TS=90°C (Note 1)
PD
400
mW
Operating Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Soldering Point (Note 2)
θJS
150
K/W
Notes: 1. TS is the temperature at the soldering point of the cathode tab.
2. Soldering point of the cathode tab.
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
IF=1mA
715
mV
IF=10mA
855
mV
IF=50mA
1
V
Forward Voltage
VF
IF=150mA
1.25
V
VR=25V
30
nA
VR=75V
1
µA
VR=25V, TJ =150°C
30
µA
Reverse Current
IR
VR=75V, TJ =150°C
50
µA
Diode Capacitance
CD
f=1MHz, VR=0
1.5
pF
Reverse Recovery Time
trr
When Switched from IF=10mA to
IR=10mA, RL=100Ω, Measured at
IR=1mA, See Fig.1
4
ns
Forward Recovery Voltage
Vfr
When Switched from IF=10mA, tr=20ns,
See Fig.2
1.75
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com