Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB106GP-DFM-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # DB106GP-DFM-T
Description  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DB106GP-DFM-T Datasheet(HTML) 3 Page - Unisonic Technologies

  DB106GP-DFM-T Datasheet HTML 1Page - Unisonic Technologies DB106GP-DFM-T Datasheet HTML 2Page - Unisonic Technologies DB106GP-DFM-T Datasheet HTML 3Page - Unisonic Technologies DB106GP-DFM-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DB106G
DIODE
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R227-002.A
TYPICAL CHARACTERISTICS
Forward Current Derating Curve
1.0
0.8
0.6
0.4
0.1
0
50
100
150
Ambient Temperature, TA (°C)
Mximum Non-repetitive Surge Current
50
40
30
20
10
0
110
50
Number Ofcycles At 60Hz
0.2
Single Phase Half
Wave 60Hz Resistive
or Inductive Load
2
5
20
100
Pulse Wldth 8.3ms
SINGLE HALF-SINE-WAVE
(Jedec Method)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com