Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE804 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # DSE804
Description  SUPERFAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DSE804 Datasheet(HTML) 2 Page - Unisonic Technologies

  DSE804 Datasheet HTML 1Page - Unisonic Technologies DSE804 Datasheet HTML 2Page - Unisonic Technologies DSE804 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DSE804
Preliminary
FAST RECOVERY EPITAXIAL DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
VER.a
ABSOLUTE MAXIMUM RATINGS
Ratings at 25°C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VR
400
V
RMS Voltage
VRMS
280
V
Recurrent Peak Reverse Voltage
VRRM
400
V
Average Average Forward Current at TC=75°C
IF(AV)
8
A
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
IFSM
125
A
Operating Junction Temperature
TJ
-55~+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
TO-220-2
3
°C/W
Junction to Case
TO-220F
θJC
5
°C/W
Note: Mounted on P.C. Board with 14mm
2 (.013mm thick) copper pad areas
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Forward Voltage (Note 1)
VF
IF=8A
1.3
V
TJ=25°C
1
μA
DC Reverse Current at Rated DC Blocking
Voltage
IR
TJ=100°C
300
μA
Reverse Recovery Time (Note 2)
trr
50
ns
Junction Capacitance (Note 3)
CJ
65
pF
Notes: 1. Pulse Test : Pulse width≤300μs, Duty cycle ≤ 2%
2. Reverse Recovery Tset Conditions: IF=0.5A, IR=1.0A, Irr=0.25A
3. Measured at 1.0MHz and applied reverse voltage of 4.0V DC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com