Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR104GL-Z41-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # FR104GL-Z41-R
Description  FAST RECOVERY GLASS PASSIVATED RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

FR104GL-Z41-R Datasheet(HTML) 3 Page - Unisonic Technologies

  FR104GL-Z41-R Datasheet HTML 1Page - Unisonic Technologies FR104GL-Z41-R Datasheet HTML 2Page - Unisonic Technologies FR104GL-Z41-R Datasheet HTML 3Page - Unisonic Technologies FR104GL-Z41-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FR104G
DIODE
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R202-012.A
TYPICAL CHARACTERISTICS
Forward Current Derating Curve
1.0
0.8
0.6
0.4
0
0
25
50
75
100 125 150
175
Ambient Temperature, TA (°C)
Maximum Non-repetitive Peak Forward
Surge Current
30
25
20
15
10
5.0
110
100
Number of Cycles at 60Hz
Single Phase Half Wave 60Hz
Resistive or inductive Load
8.3ms Single Half Sine-Wave
(JEDEC Method)
Typical Instantaneous Forward
Characteristics
20
10
1
0.1
0.01
0.6
0.8
1.0
1.2
1.4 1.5
Instantaneous Forward Voltage, VFM (V)
Typical Reverse Characteristics
1,000
100
10
1
0.1
0.01
020
40
60
80
100
Percent of Peak Reverse Voltage (%)
TJ=25°C
TJ=100°C
TJ=25°C
Pulse Width=300s
1% Duty Cycle
Typical Junction Capacitance
200
100
10
1
0.1
1.0
10
100
Reverse voltage (V)
TJ=25°C
Typical Transient Thermal Impedance
100
10
1
0.1
0.01
0.1
1
10
100
t, Pulse Duration (sec.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com