Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20100 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MBR20100
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR20100 Datasheet(HTML) 2 Page - Unisonic Technologies

  MBR20100 Datasheet HTML 1Page - Unisonic Technologies MBR20100 Datasheet HTML 2Page - Unisonic Technologies MBR20100 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR20100
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R202-047.b
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
100
V
Maximum DC Blocking Voltage
VR
100
V
Working Peak Reverse Voltage
VRWM
100
V
Maximum PMS Reverse Voltage
VR(RMS)
90
V
Average Forward Rectified Output Current
IO
20
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half-Sine-Wave
IFSM
150
A
Junction Capacitance (Note 4)
CJ
1000
pF
Operating Temperature
TJ
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
THERMAL RESISTANCES CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
20
°С/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
IF=20A, TC=25°C
0.84
V
Instantaneous Forward Voltage Drop
(Note 3)
VF
IF=20A, TC=125°C
0.74
V
Rated DC Voltage, TC=25°C
0.1
mA
Instantaneous Reverse Current (Note 3)
IR
Rated DC Voltage, TC=125°C
30
mA
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. 2.0μs Pulse Width, f = 1.0KHz.
3. Pulse Test: Pulse Width = 300µs, Duty Cycle ≤ 2.0%.
4. Applied VR = 4.0V and f = 1.0MHz.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com