Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK73BW2HTTP102J Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # RK73BW2HTTP102J
Description  general purpose 2%, 5% tolerance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RK73BW2HTTP102J Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  RK73BW2HTTP102J Datasheet HTML 1Page - KOA Speer Electronics, Inc. RK73BW2HTTP102J Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Protective
Coating
Inner
Electrode
Resistive
Film
Ceramic
Substrate
Solder
Plating
Ni
Plating
L
c
c
W
t
d
RK73B
general purpose 2%, 5% tolerance
thick film chip resistor
features
• Marking: No marking on 1F, 1H & 1E
sizes, black protective coat.
White, three-digit marking on
1J ~ 3A on black protective coat.
• Products with lead-free terminations meet EU RoHS
requirements. EU RoHS regulation is not intended
for Pb-glass contained in electrode, resistor element
and glass.
• AEC-Q200 Qualified: 0201 (1H), 0402 (1E), 0603 (1J), 0805
(2A), 1206 (2B), 1210 (2E), 2010 (2H/W2H), 2512 (3A/W3A)
dimensions and construction
Type*
L
1H
(0201) .024±.001
(0.6±0.03)
.039 +.004
-.002
(1.0 +0.1 )
-0.05
.01 +.002
-.004
(0.25 +0.05)
-0.1
.012 +.008
-.004
(0.3 +0.2)
-0.1
.016 +.008
-.004
(0.4 +0.2)
-0.1
.016 +.008
-.004
(0.4 +0.2)
-0.1
.012±.001
(0.3±0.03)
.004±.002
(0.1±0.05)
.006±.002
(0.15±0.05)
.009±.001
(0.23±0.03)
.014±.002
(0.35±0.05)
.018±.004
(0.45±0.1)
.012±.004
(0.3±0.1)
.02±.004
(0.5±0.1)
.024±.004
(0.6±0.1)
.008±.004
(0.2±0.1)
.012±.004
(0.3±0.1)
.016±.008
(0.4±0.2)
.02±.012
(0.5±0.3)
.063±.008
(1.6±0.2)
.102±.008
(2.6±0.2)
.098±.008
(2.5±0.2)
.122±.008
(3.1±0.2)
.126±.008
(3.2±0.2)
.049±.004
(1.25±0.1)
.031±.004
(0.8±0.1)
.02±.002
(0.5±0.05)
.063±.008
(1.6±0.2)
.079±.008
(2.0±0.2)
.197±.008
(5.0±0.2)
.248±.008
(6.3±0.2)
1E
(0402)
1J
(0603)
2A
(0805)
2B
(1206)
2H
(2010)
3A
(2512)
(InchSizeCode)
Wc
d
t
Dimensionsinches(mm)
ordering information
G: ±2%
J: ±5%
T: Sn
(1F ~ 3A)
Contact factory
for below options:
L: SnPb
(1E, 1J, 2A, 2B,
2E, 2H, 3A)
G: Au
(1E ~ 2A:
10Ω ~ 1MΩ)
X: Bondable
(1J ~ 2E:
10Ω ~ 1MΩ)
2 significant
figures + 1
multiplier
“R” indicates
decimal on
value <10Ω
1F
1H
1E
1J
2A
2B
2E
W2H
W3A
2H
3A
TX: 01005 only: 4mm width - 1mm pitch plastic embossed
TBL: 01005 only: 2mm pitch pressed paper
TA: 0201 only: 1mm pitch pressed paper
TC: 0201 only: 7" 2mm pitch pressed paper
(TC: 10,000 pcs/reel, TCM: 15,000 pcs/reel)
TCD: 0201 only: 10" 2mm pitch pressed paper
TPD: 0402 only: 10" plastic embossed
TPL: 0402 only: 2mm pitch punched paper
TP: 0402, 0603 & 0805: 7" 2mm pitch punched paper
TD: 0603, 0805, 1206 &1210: 7" 4mm pitch punched paper
TDD: 0603, 0805, 1206 &1210: 10" paper tape
TE: 0805, 1206, 1210, 2010 & 2512: 7" plastic embossed
TED: 0805, 1206, 1210, 2010 & 2512: 10" plastic embossed
For further information on packaging, please refer to Appendix A
RK73B
Type
Size
Nominal
Resistance Tolerance
Termination
Material
Packaging
NewPart#
2B
TD
102
J
T
2E
(1210)
DeratingCurve
100
80
60
40
20
20
40
60
80
100 120
140
160 180
125
70
Ambient Temperature
(°C)
1F
1E, 1H, 1J, 2A, 2B, 2E, 2H,
3A, W2H, W3A
0
0
155
3A, W2H, W3A
1F
(01005) .015±.001
(0.4±0.02)
.007±.001
(0.2±0.02)
.004±.001
(0.10±0.03)
.004±.001
(0.11±0.03)
.005±.001
(0.13±0.02)
W2H
(2010)
W3A
(2512)
EU
.026±.006
(0.65±0.15)
.026±.006
(0.65±0.15)
* Parentheses indicate EIA package size codes.
For resistors operated at an ambient
temperature of 70°C or above, a power
rating shall be derated in accordance
with the above derating curve.
13
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
11/27/14
100
80
60
40
20
-60
-40
-20
0
40
60
80
100
140
125
20
Terminal Part Temperature
(°C)
0
-55
120
155
160
1E, 1J, 2A, 2B, 2E, W2H,
W3A, 2H/W2H, 3A/W3A
For resistors operated at a terminal part
temperature of described for each size or
above, a power rating shall be derated in
accordance with the above derating curve.
Please refer to “Introduction of the derating
curve based on the terminal part temperature”
on the beginning of our catalog before use.


Similar Part No. - RK73BW2HTTP102J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RK73BW2HTTPL103G ETC2-RK73BW2HTTPL103G Datasheet
864Kb / 2P
THICK FILM竊뉷ENERAL PURPOSE竊
RK73BW2HTTPL103G ETC2-RK73BW2HTTPL103G Datasheet
864Kb / 2P
THICK FILM竊뉷ENERAL PURPOSE竊
logo
KOA Speer Electronics, ...
RK73BW2HTTPL103G KOA-RK73BW2HTTPL103G Datasheet
864Kb / 2P
THICK FILM竊뉷ENERAL PURPOSE竊
RK73BW2HTTPL103G KOA-RK73BW2HTTPL103G Datasheet
864Kb / 2P
THICK FILM竊뉷ENERAL PURPOSE竊
RK73BW2HTTPL103G KOA-RK73BW2HTTPL103G Datasheet
864Kb / 2P
THICK FILM竊뉷ENERAL PURPOSE竊
More results

Similar Description - RK73BW2HTTP102J

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMSZ5226B FAIRCHILD-MMSZ5226B Datasheet
158Kb / 5P
5% TOLERANCE
MMSZ5231B FAIRCHILD-MMSZ5231B Datasheet
158Kb / 5P
5% TOLERANCE
MMSZ5232B FAIRCHILD-MMSZ5232B Datasheet
158Kb / 5P
5% TOLERANCE
MMSZ5236B FAIRCHILD-MMSZ5236B Datasheet
158Kb / 5P
5% TOLERANCE
MMSZ5239B FAIRCHILD-MMSZ5239B Datasheet
158Kb / 5P
5% TOLERANCE
MMSZ5245B FAIRCHILD-MMSZ5245B Datasheet
158Kb / 5P
5% TOLERANCE
logo
KOA Speer Electronics, ...
RK73B1F KOA-RK73B1F Datasheet
93Kb / 2P
general purpose 2%, 5%tolerance thick filmchip resistor
RK73A1JT KOA-RK73A1JT Datasheet
95Kb / 2P
audio applications 2%,5%tolerance
RK73B2BTTD102J KOA-RK73B2BTTD102J Datasheet
227Kb / 2P
general purpose 2%, 5% tolerance thick film chip resistor
RK73B3ATTE332J KOA-RK73B3ATTE332J Datasheet
227Kb / 2P
general purpose 2%, 5% tolerance thick film chip resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com