Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MYB68D Datasheet(PDF) 1 Page - Micro Electronics

Part # MYB68D
Description  SOLID STATE INDICATORS ARE ENCAPSULATED IN 4.95mm x 4.95mm RECTANGULAR PACKAGE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MYB68D Datasheet(HTML) 1 Page - Micro Electronics

  MYB68D Datasheet HTML 1Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - MYB68D

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MYB68DA-3 MICRO-ELECTRONICS-MYB68DA-3 Datasheet
95Kb / 1P
YELLOW LED LAMP
More results

Similar Description - MYB68D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MV53123 FAIRCHILD-MV53123 Datasheet
251Kb / 4P
RECTANGULAR SOLID STATE LAMPS
logo
Micro Electronics
MGB34C MICRO-ELECTRONICS-MGB34C Datasheet
110Kb / 2P
SOLID STATE INDICATORS ARE 3mm DIAMETER CYLIMDRIC LAMPS
MOB61DR MICRO-ELECTRONICS-MOB61DR Datasheet
57Kb / 1P
SOLID STATE INDICATORS ARE ENCAPSULATED
MRB38D MICRO-ELECTRONICS-MRB38D Datasheet
57Kb / 1P
SOLID STATE INDICATORS ARE 3mm DIAMETER FLANGELESS LED LAMP
MRB47D MICRO-ELECTRONICS-MRB47D Datasheet
50Kb / 1P
SOLID STATE INDICATORS ARE 4.7mm DIAMETER FLANGCLESS LED LAMP
MRB77D MICRO-ELECTRONICS-MRB77D Datasheet
52Kb / 1P
SOLID STATE INDICATORS ARE 1.4mm x 3.7mm RECTANGULAR BARS PACKAGE
MS61D MICRO-ELECTRONICS-MS61D Datasheet
57Kb / 1P
SOLID STATE INDICATORS ARE ENCAPSULATED IN RECTANGULAR EPOXY PACKAGE
MS73D MICRO-ELECTRONICS-MS73D Datasheet
55Kb / 1P
RED LED ENCAPSULATED IN A 1mm x 5mm RECTANGULAR BARS PACKAGE
MSB62D MICRO-ELECTRONICS-MSB62D Datasheet
56Kb / 1P
SOLID STATE INDICATORS ARE ENCAPSULATED IN RECTANGULAR EPOXY PACKAGE
MSB73D MICRO-ELECTRONICS-MSB73D Datasheet
50Kb / 1P
RED LED ENCAPSULATED IN A 1mm x 5mm RECTANGULAR BARS PACKAGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com