Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOB73DR Datasheet(PDF) 1 Page - Micro Electronics

Part # MOB73DR
Description  RED LED ENCAPSULATED IN A 1mm x 5mm RECTANGULAR BARS PACKAGE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MOB73DR Datasheet(HTML) 1 Page - Micro Electronics

  MOB73DR Datasheet HTML 1Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - MOB73DR

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MOB75C MICRO-ELECTRONICS-MOB75C Datasheet
46Kb / 1P
1.9mm x 3.1mm RECTANGULAR BAR LED LAMPS
MOB75CR MICRO-ELECTRONICS-MOB75CR Datasheet
46Kb / 1P
1.9mm x 3.1mm RECTANGULAR BAR LED LAMPS
MOB75T MICRO-ELECTRONICS-MOB75T Datasheet
46Kb / 1P
1.9mm x 3.1mm RECTANGULAR BAR LED LAMPS
MOB77D MICRO-ELECTRONICS-MOB77D Datasheet
52Kb / 1P
SOLID STATE INDICATORS ARE 1.4mm x 3.7mm RECTANGULAR BARS PACKAGE
MOB77DR MICRO-ELECTRONICS-MOB77DR Datasheet
52Kb / 1P
SOLID STATE INDICATORS ARE 1.4mm x 3.7mm RECTANGULAR BARS PACKAGE
More results

Similar Description - MOB73DR

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MS73D MICRO-ELECTRONICS-MS73D Datasheet
55Kb / 1P
RED LED ENCAPSULATED IN A 1mm x 5mm RECTANGULAR BARS PACKAGE
MSB64DA-1 MICRO-ELECTRONICS-MSB64DA-1 Datasheet
59Kb / 1P
2mm x 5mm RECTANGULAR RED LED LAMP
MSB64TA-1 MICRO-ELECTRONICS-MSB64TA-1 Datasheet
59Kb / 1P
2mm x 5mm RECTANGULAR RED LED LAMP
logo
LUMEX INC.
SSA-LXB103-G9YD-BB LUMEX-SSA-LXB103-G9YD-BB Datasheet
39Kb / 1P
10 LED Array, 1mm X 5mm Rectangular
SSL-LX15583GD LUMEX-SSL-LX15583GD Datasheet
53Kb / 1P
1mm X 5mm Rectangular LED
SSL-LX15583ID LUMEX-SSL-LX15583ID Datasheet
53Kb / 1P
1mm X 5mm Rectangular LED
SSL-LX2573HD LUMEX-SSL-LX2573HD Datasheet
51Kb / 1P
2mm X 5mm RECTANGULAR 700mm RED LED
SSL-LX2573ID-BL9 LUMEX-SSL-LX2573ID-BL9 Datasheet
52Kb / 1P
2mm X 5mm RECTANGULAR RED LED
SSL-LX2573SIC LUMEX-SSL-LX2573SIC Datasheet
49Kb / 1P
2mm X 5mm RECTANGULAR, 636mm AlllGaP RED LED
SSL-LX2573SRD LUMEX-SSL-LX2573SRD Datasheet
51Kb / 1P
2mm X 5mm RECTANGULAR 660mm SUPER RED LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com