Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL2303SA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PL2303SA
Description  Full Compliant with USB Specification v2.0 (Full-Speed)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PL2303SA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PL2303SA Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
PL2303RA Product Brochure
V0.1 5/09/12’
Prolific Technology Inc.
7F, #48, Sec.3, Nan-Kang Rd., Taipei, Taiwan 115, ROC
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail: sales@prolific.com.tw
http://www.prolific.com.tw
OVERVIEW
The PL2303SA is a low cost and high performance USB-to-Serial Bridge Controller. The PL2303SA provides
a convenient small-factor solution for connecting an RS232-like full-duplex asynchronous serial device
(TX-RX only) to any USB host. Prolific provides highly compatible drivers that could simulate the traditional
COM port on most operating systems allowing the existing applications based on COM port (using TX-RX
only) to easily migrate and be made USB ready.
By taking advantage of USB bulk transfer mode and large data buffers, PL2303SA is capable of achieving
higher throughput compared to traditional UART (Universal Asynchronous Receiver Transmitter) ports. The
flexible baud rate generator of PL2303SA also could be programmed to generate any rate between 75 bps to
115 kbps by driver customization.
FEATURES
Full Compliant with USB Specification v2.0 (Full-Speed)
On-chip USB 1.1 transceiver and 5V to 3.3V regulator
On-chip 96MHz Clock Generator
Full-duplex transmitter and receiver (TXD and RXD)
- 5, 6, 7,or 8data bits
- Odd, Even, Mark, Space, or None parity mode
- 1, 1.5,or 2 stop bits
- Parity error, frame error, and serial break detection
- Programmable baud rate from 75bps to 115kbps
- Independent power source for serial interface
- Works with existing PC COM Port software
applications(TXD and RXD)
Configurable 256-byte outbound buffer and 256-byte
inbound buffer or 128-byte outbound buffer and
384-byte inbound buffer
Small Package type: SOP8
PL2303SA (SOP8 Package)
USB to Serial Bridge Controller
BLOCK DIAGRAM


Similar Part No. - PL2303SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL2303 ETC1-PL2303 Datasheet
144Kb / 11P
PL-2303 USB to RS-232 Bridge Controller Product Datasheet
logo
Prolific Technology Inc...
PL2303 PROLIFIC-PL2303 Datasheet
1Mb / 30P
USB to Serial Bridge Controller
logo
List of Unclassifed Man...
PL2303 ETC-PL2303 Datasheet
149Kb / 11P
PL-2303 USB to RS-232 Bridge Controller
PL2303EA ETC2-PL2303EA Datasheet
177Kb / 1P
Supports remote wake-up from MODEM input signals
logo
Prolific Technology Inc...
PL2303GC PROLIFIC-PL2303GC Datasheet
119Kb / 1P
USB to Serial Bridge Controller
More results

Similar Description - PL2303SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL-25A1 ETC2-PL-25A1 Datasheet
237Kb / 1P
Full compliance with the USB Specification v2.0
PL2303RA ETC2-PL2303RA Datasheet
171Kb / 1P
Full Compliant with USB Specification v2.0 (Full-Speed)
PL2303TA ETC2-PL2303TA Datasheet
175Kb / 1P
Full Compliant with USB Specification v2.0 (Full-Speed)
PL2303TB ETC2-PL2303TB Datasheet
107Kb / 1P
Full Compliant with USB Specification v2.0 (Full-Speed)
logo
C-Media Electronics
CM6533DH CMEDIA-CM6533DH Datasheet
1Mb / 60P
USB 2.0 Full-Speed compliant
CM6533-N CMEDIA-CM6533-N Datasheet
1Mb / 60P
USB 2.0 Full-Speed compliant
CM6571 CMEDIA-CM6571 Datasheet
1Mb / 63P
USB 2.0 full speed-compliant
CM6535 CMEDIA-CM6535 Datasheet
1Mb / 57P
USB 2.0 full-speed compliant
logo
Maxim Integrated Produc...
DS28E84EVKIT MAXIM-DS28E84EVKIT Datasheet
2Mb / 15P
Fully Compliant with USB Specification v2.0
2019
DS28E16EVKIT MAXIM-DS28E16EVKIT Datasheet
2Mb / 7P
Fully Compliant with USB Specification v2.0
Rev 0; 3/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com