Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL8331 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PL8331
Description  Multi mode power saving function
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PL8331 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PL8331 Datasheet HTML 1Page - List of Unclassifed Manufacturers PL8331 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technologies for Tomorrow
Power Meter Solutions – Product series
PL8331
Please visit our website
www.prolific.com.tw
for our comprehensive product
line.
PROLIFIC TECHNOLOGIES INC.
Technologies for Tomorrow
Tel: 886-3-578-2011. Ext- 3637
Fax: 886-3-578-2022
E-mail: ranjit-dash@prolific.com.tw
Prolific Technologies Inc.
No.10-2, Li Hsing First Road,
Science-Based Park,
PROLIFIC
TECHNOLOGIES INC.
The PL8331 series of ultralow power mixed-signal
processors consist of several devices featuring
different sets of peripherals targeted for energy
meter applications. They integrate analog front
end and fixed function DSP solution with an en-
hanced 8052 MCU core, RTC and LCD driver in a
single part. The measurement core includes ac-
tive, reactive, apparent energy calculations, volt-
age, current RMS, and frequency measurements.
This information can be used as energy billing and
any necessary application. Also included is a built-
in 16-bit timer, LCD segment drive capability and
hardware multiplier.
The PL8331 integrates three PGAs with gain set-
tings from 1x to 32x. Three 24-bit sigma-deltas A/
D converters guarantee precision in captured data
and enough needed resolution.
The microprocessor functionality includes a single
-cycle 8052 core, a real-time clock, 2UARTs, and
an SPI, I
2C and JTAG interface. It reduces the
program memory size requirement and makes it
easy to integrate complicated designs.
The programming is very easy and supports differ-
ent (= multiple) ways. (SPI or JTAG)
No external voltage is needed for programming.
Prolific PL8331


Similar Part No. - PL8331

ManufacturerPart #DatasheetDescription
logo
Prolific Technology Inc...
PL8331 PROLIFIC-PL8331 Datasheet
418Kb / 2P
Power Meter Solutions ??Product series
More results

Similar Description - PL8331

ManufacturerPart #DatasheetDescription
logo
Rohm
BHXXPB1WHFV ROHM-BHXXPB1WHFV_09 Datasheet
374Kb / 10P
CMOS LDO Regulators with Auto Power Saving Function
logo
Feature Integration Tec...
F71808A FINTEK-F71808A Datasheet
1Mb / 126P
Smart LPC IO With CIR & Power Saving Function
logo
Unisonic Technologies
UC3800 UTC-UC3800 Datasheet
225Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
logo
FSP TECHNOLOGY INC.
FSP060-1S35-12 FSP-FSP060-1S35-12 Datasheet
132Kb / 1P
Power saving function
FSP060-1S35-19 FSP-FSP060-1S35-19 Datasheet
132Kb / 1P
Power saving function
FSP060-1S35-48 FSP-FSP060-1S35-48 Datasheet
132Kb / 1P
Power saving function
logo
Golledge Electronics Lt...
GXO-7551 GOLLEDGE-GXO-7551 Datasheet
594Kb / 5P
5V CMOS Oscillator with Power Saving Function
GXO-U113L GOLLEDGE-GXO-U113L Datasheet
561Kb / 4P
3.3V 4-Pad Oscillator with Power Saving Function
logo
Unisonic Technologies
UC3800 UTC-UC3800_18 Datasheet
221Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3873A UTC-UC3873A Datasheet
309Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com