Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WTLPO Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # WTLPO
Description  WIDEST TEMPERATURE LOW POWER OSCILLATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WTLPO Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button WTLPO_15 Datasheet HTML 2Page - List of Unclassifed Manufacturers WTLPO_15 Datasheet HTML 3Page - List of Unclassifed Manufacturers WTLPO_15 Datasheet HTML 4Page - List of Unclassifed Manufacturers WTLPO_15 Datasheet HTML 5Page - List of Unclassifed Manufacturers WTLPO_15 Datasheet HTML 6Page - List of Unclassifed Manufacturers WTLPO_15 Datasheet HTML 7Page - List of Unclassifed Manufacturers WTLPO_15 Datasheet HTML 8Page - List of Unclassifed Manufacturers WTLPO_15 Datasheet HTML 9Page - List of Unclassifed Manufacturers WTLPO_15 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PAGE 9 OF 10
I SPEC 01 I REV.00 I NOVEMBER 2014
CRYSTALS ∙ OSCILLATORS ∙ CERAMIC RESONATORS ∙ CERAMIC FILTERS ∙ SAW COMPONENTS
PETERMANN-TECHNIK GmbH
Lechwiesenstr. 13 ∙ D-86899 ∙ Landsberg am Lech
Tel: +49/8191/305395 ∙ Fax: +49/8191/305397
info@petermann-technik.com ∙ www.petermann-technik.com
ORDERING INFORMATION
EXAMPLE: WTLPO33-2520-E-25-WT-25.000MHz-T-S
PLEASE INDICATE YOUR REQUIRED PARAMETERS
OUTPUT DRIVE
STRENGTH
“S” Standard (datasheet
limits) See Tables 1 to 5
for rise/fall times
“L”
“T”
“A”
“E”
“R”
“U”
“B”
“F”
OSCILLATOR
FAMILY
WTLPO
SUPPLY VOLTAGE
“18“ for 1.8V
“25“ for 2.5V
“28“ for 2.8V
“3“ for 3.0V
“33“ for 3.3V
“XX“ for 2.25V to 3.63V
FEATURE PIN 1
“E” for OUTPUT ENABLE
“S” for STANDBY
“N” for NO CONNECT
FREQUENCY
1.000000 to
110.000000 MHz
PACKAGE SIZE
“2016” for 2.0 X 1.6 mm
“2520” for 2.5 X 2.0 mm
“3225” for 3.2 X 2.5 mm
“5032” for 5.0 X 3.2 mm
“7050” for 7.0 X 5.0 mm
FREQUENCY
STABILITY
“20” for ±20 PPM
“25” for ±25 PPM
“30” for ±30 PPM
“50” for ±50 PPM
WTLPO 33-2520-E-25-WT-25.000MHz-T-S
PACKING METHOD
“B” Buls or Tubes
“T” Tape & Reel
TEMPERATURE
RANGE
“WT” for –55 +125°C
EXPRESS SAMPLES ARE DELIVERABLE ON THE SAME DAY
IF ORDERED UNTIL 02:00 PM!



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com