Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI4778DY Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SI4778DY
Description  N-Channel 25-V (D-S) MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4778DY Datasheet(HTML) 1 Page - Vishay Telefunken

  SI4778DY Datasheet HTML 1Page - Vishay Telefunken SI4778DY Datasheet HTML 2Page - Vishay Telefunken SI4778DY Datasheet HTML 3Page - Vishay Telefunken SI4778DY Datasheet HTML 4Page - Vishay Telefunken SI4778DY Datasheet HTML 5Page - Vishay Telefunken SI4778DY Datasheet HTML 6Page - Vishay Telefunken SI4778DY Datasheet HTML 7Page - Vishay Telefunken SI4778DY Datasheet HTML 8Page - Vishay Telefunken SI4778DY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si4778DY
Document Number: 69817
S09-0394-Rev. B, 09-Mar-09
www.vishay.com
1
N-Channel 25-V (D-S) MOSFET
FEATURES
•
Halogen-free According to IEC 61249-2-21
Available
•
TrenchFET® Power MOSFET
•
100 % Rg and UIS Tested
APPLICATIONS
•
DC/DC Converter
•Gaming
• Notebook System Power
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
Qg (Typ.)
25
0.023 at VGS = 10 V
8a
5.5 nC
0.028 at VGS = 4.5 V
8a
N-Channel MOSFET
G
D
S
D
S
D
D
G
D
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4778DY-T1-E3 (Lead (Pb)-free)
Si4778DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
S
S
Notes:
a. Package Limited.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under Steady State conditions is 85 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
25
V
Gate-Source Voltage
VGS
± 16
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
8a
A
TC = 70 °C
8a
TA = 25 °C
8a, b, c
TA = 70 °C
6.4b, c
Pulsed Drain Current
IDM
30
Continuous Source-Drain Diode Current
TC = 25 °C
IS
4.2
TA = 25 °C
2b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
5
Single Pulse Avalanche Energy
EAS
1.25
mJ
Maximum Power Dissipation
TC = 25 °C
PD
5
W
TC = 70 °C
3.2
TA = 25 °C
2.4b, c
TA = 70 °C
1.5b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
42
53
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
19
25


Similar Part No. - SI4778DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4778DY VISHAY-SI4778DY Datasheet
244Kb / 10P
N-Channel 25-V (D-S) MOSFET
09-Mar-09
SI4778DY-T1-E3 VISHAY-SI4778DY-T1-E3 Datasheet
244Kb / 10P
N-Channel 25-V (D-S) MOSFET
09-Mar-09
SI4778DY-T1-GE3 VISHAY-SI4778DY-T1-GE3 Datasheet
244Kb / 10P
N-Channel 25-V (D-S) MOSFET
09-Mar-09
More results

Similar Description - SI4778DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1304DL VISHAY-SI1304DL Datasheet
88Kb / 5P
N-Channel 25-V (D-S) MOSFET
04-Oct-04
SIR850DP VISHAY-SIR850DP Datasheet
109Kb / 7P
N-Channel 25-V (D-S) MOSFET
22-Sep-08
SI4630DY VISHAY-SI4630DY Datasheet
239Kb / 10P
N-Channel 25-V (D-S) MOSFET
02-Feb-09
SI4778DY VISHAY-SI4778DY Datasheet
244Kb / 10P
N-Channel 25-V (D-S) MOSFET
09-Mar-09
SIR808DP VISHAY-SIR808DP Datasheet
480Kb / 13P
N-Channel 25 V (D-S) MOSFET
04-Apr-11
logo
Vishay Telefunken
SIE882DF TFUNK-SIE882DF Datasheet
207Kb / 10P
N-Channel 25-V (D-S) MOSFET
SIR438DP TFUNK-SIR438DP Datasheet
343Kb / 13P
N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SI4668DY VISHAY-SI4668DY Datasheet
103Kb / 7P
N-Channel 25-V (D-S) MOSFET
09-Mar-09
SI7194DP VISHAY-SI7194DP Datasheet
316Kb / 13P
N-Channel 25-V (D-S) MOSFET
31-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com