Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4287G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4287G
Description  Very low standby current consumption
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4287G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4287G Datasheet HTML 5Page - Infineon Technologies AG TLE4287G Datasheet HTML 6Page - Infineon Technologies AG TLE4287G Datasheet HTML 7Page - Infineon Technologies AG TLE4287G Datasheet HTML 8Page - Infineon Technologies AG TLE4287G Datasheet HTML 9Page - Infineon Technologies AG TLE4287G Datasheet HTML 10Page - Infineon Technologies AG TLE4287G Datasheet HTML 11Page - Infineon Technologies AG TLE4287G Datasheet HTML 12Page - Infineon Technologies AG TLE4287G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet
9
Rev. 1.41, 2012-01-30
TLE4287G
Figure 3
Application Circuit
Reset delay time
t
rd
7.5
20
30
ms
C
D = 100 nF
Reset reaction time
t
rr
0.5
2.0
4.0
μs
C
D = 100 nF
Enable EN, Hold H
Enable turn-ON voltage
V
EN
2.3
3.0
4.0
V
IC turned-ON
Enable turn-OFF voltage
V
EN
2.0
2.5
3.5
V
IC turned-OFF
Enable pull-down resistor
R
EN
50
100
200
k
Ω
internally connected
to GND
Enable hysteresis
ΔV
EN
0.2
0.4
0.8
V
–
Enable input current
I
EN
–35
100
μA
V
EN = 4 V
Hold keep on voltage
V
H
30
35
50
%
referred to
V
Q;
V
Q > 4.5 V
Hold release voltage
V
H
60
70
80
%
referred to
V
Q;
V
Q > 4.5 V
Hold pull-up resistor
R
H
20
50
100
k
Ω
internally connected
to Q
1) Measured when the output voltage
V
Q has dropped 100 mV from the nominal value.
2) The reset output is LOW between
V
Q = 1 V and Vrt.
Table 5
Electrical Characteristics (cont’d)
7.5 V
≤ V
I ≤ 40 V; -40 °C < Tj < 150 °C; VEN > 4 V (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.
AES02243
7
9
8
13
1
5 V
Input
TLE 4287
Reset
to µC
I
C
100 nF
Q
100 nF
C
e.g. from
Enable
6
100 nF
D
C
3, 4, 5,
10, 11,
12, 14
Hold from µC
I
Q
EN
RO
D
GND
H
Terminal 15
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com