Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4004GL-Z41-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 1N4004GL-Z41-R
Description  GLASS PASSIVATED SILICON RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N4004GL-Z41-R Datasheet(HTML) 1 Page - Unisonic Technologies

  1N4004GL-Z41-R Datasheet HTML 1Page - Unisonic Technologies 1N4004GL-Z41-R Datasheet HTML 2Page - Unisonic Technologies 1N4004GL-Z41-R Datasheet HTML 3Page - Unisonic Technologies 1N4004GL-Z41-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
1N4004G
DIODE
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R601-253.B
GLASS PASSIVATED SILICON
RECTIFIER
DESCRIPTION
The UTC 1N4004G is a glass passivated silicon rectifier, it uses
UTC’s advanced technology to provide customers with high forward
surge current and low reverse leakage, etc.
FEATURES
* Low reverse leakage
* High forward surge current capability
SYMBOL
DO-41
1
2
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
1N4004GL-Z41-B
1N4004GP-Z41-B
DO-41
K
A
Tape Box
1N4004GL-Z41-R
1N4004GP-Z41-R
DO-41
K
A
Tape Reel
Note: Pin Assignment: A: Anode
K: Cathode
(1) B: Tape Box, R: Tape Reel
(2) Z41: DO-41
(3) L: Lead Free, P: Halogen Free
1N4004GL-Z41-B
(1)Packing Type
(2)Package Type
(3)Lead Free
MARKING
4004G
Date Code
L: Lead Free
P: Halogen Free
Cathode Band for uni-directional Only


Similar Part No. - 1N4004GL-Z41-R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4004GL-T DIODES-1N4004GL-T Datasheet
84Kb / 3P
1.0A GLASS PASSIVATED RECTIFIER
DS29002 Rev. 6 - 2
More results

Similar Description - 1N4004GL-Z41-R

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
logo
Shanghai Shunye Electro...
1N5391G SHUNYE-1N5391G Datasheet
1Mb / 2P
GLASS PASSIVATED SILICON RECTIFIER
BY251G SHUNYE-BY251G Datasheet
995Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER
1N4001SG SHUNYE-1N4001SG_17 Datasheet
594Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER
logo
Microdiode Semiconducto...
1N4001G CHENDA-1N4001G_V01 Datasheet
735Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER
logo
Rectron Semiconductor
MUR1060 RECTRON-MUR1060 Datasheet
391Kb / 5P
GLASS PASSIVATED SILICON RECTIFIER
MUR1060P RECTRON-MUR1060P Datasheet
604Kb / 8P
GLASS PASSIVATED SILICON RECTIFIER
MUR1560 RECTRON-MUR1560 Datasheet
300Kb / 5P
GLASS PASSIVATED SILICON RECTIFIER
FM807C RECTRON-FM807C Datasheet
334Kb / 8P
GLASS PASSIVATED SILICON RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com