Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4004GP-Z41-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 1N4004GP-Z41-R
Description  GLASS PASSIVATED SILICON RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N4004GP-Z41-R Datasheet(HTML) 3 Page - Unisonic Technologies

  1N4004GP-Z41-R Datasheet HTML 1Page - Unisonic Technologies 1N4004GP-Z41-R Datasheet HTML 2Page - Unisonic Technologies 1N4004GP-Z41-R Datasheet HTML 3Page - Unisonic Technologies 1N4004GP-Z41-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N4004G
DIODE
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R601-253.B
TYPICAL CHARACTERISTICS
Forward Current Derating Curve
1.0
0.8
0.6
0.4
0
0
25
50
75
100 125 150
175
Single Phase Half Wave 60Hz
Resistive or inductive Load
Ambient Temperature, TA (°C)
Maximum Non-repetitive Peak Forward
Surge Current
30
25
20
15
10
5.0
110
100
Number of Cycles at 60Hz
8.3ms Single Half Sine-Wave
(JEDEC Method)
Typical Instantaneous Forward
Characteristics
20
10
1
0.1
0.01
0.6
0.8
1.0
1.2
1.4 1.5
Instantaneous Forward Voltage, VFM (V)
TJ=25°C
Pulse Width=300s
1% Duty Cycle
Typical Reverse Characteristics
1,000
100
10
1
0.1
0.01020
40
60
80
100
Percent of Peak Reverse Voltage (%)
TJ=25°C
TJ=100°C
TJ=150°C
Typical Junction Capacitance
200
100
10
1
0.1
1.0
10
100
Reverse voltage (V)
TJ=25°C
Typical Transient Thermal Impedance
100
10
1
0.1
0.01
0.1
1
10
100
t, Pulse Duration (sec.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com