Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2JL-SMB-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # ES2JL-SMB-R
Description  SURFACE MOUNT SUPER FAST RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ES2JL-SMB-R Datasheet(HTML) 3 Page - Unisonic Technologies

  ES2JL-SMB-R Datasheet HTML 1Page - Unisonic Technologies ES2JL-SMB-R Datasheet HTML 2Page - Unisonic Technologies ES2JL-SMB-R Datasheet HTML 3Page - Unisonic Technologies ES2JL-SMB-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ES2J
DIODE
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R601-268.A
TYPICAL CHARACTERISTICS
Forward Current Derating Curve
2
1.6
1.2
0.8
0
0
25
50
75
100 125 150
175
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
Ambient Temperature (°C)
Maximum Non-Repetitive Peak Forward Surge Current
50
40
30
20
10
0
1
10
100
Number of Cycles aT 60Hz
8.3ms Single
Half Sine-Wave
(JEDEC Method)
0.4
Typical Instantaneous Forward Characteristics
20
10
1
0.1
0.01
0
0.4
0.8
1.2
1.6 1.8
Instantaneous Forward Voltage (V)
TJ=25°C
Pulse Width=300s
1% Duty Cycle
Typical Reverse Characteristics
1,000
100
10
1
0.1
0.01020
40
60
80
100
Percent of Peak Reverse Voltage (%)
TJ=25°C
TJ=100°C
Typical Junction Capacitance
200
100
10
1
0.1
1.0
10
100
Reverse Voltage (V)
TJ=25°C
Typical Transient Thermal Impedance
100
10
1
0.1
0.01
0.1
1
10
100
t, Pulse Duration (sec.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com