Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR340 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MBR340
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR340 Datasheet(HTML) 2 Page - Unisonic Technologies

  MBR340 Datasheet HTML 1Page - Unisonic Technologies MBR340 Datasheet HTML 2Page - Unisonic Technologies MBR340 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR340
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-271.d
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Repetitive Peak Reverse Voltage
VRRM
40
V
Working Peak Reverse Voltage
VRWM
40
V
DC Blocking Voltage
VR
40
V
Maximum RMS Reverse Voltage
VR(RMS)
28
V
Average Rectified Forward Current
(Rated VR-20Khz Square Wave) - 50% Duty Cycle
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half-Sine-Wave
IFSM
80
A
Typical Junction Capacitance (Note 2)
CJ
650
pF
Junction Temperature
TJ
-65~+150
°C
Storage Temperature
TSTG
-65~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Applied VR = 4.0V and f = 1.0MHz.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SMA
90
Junction to Ambient
DO-201AD
θJA
50
°C/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
IF=3.0A, TC=25°C
0.60
V
Instantaneous Forward Voltage Drop
VF
IF=3.0A, TC=125°C
0.55
V
Rated DC Voltage, TC=25°C
100
μA
Instantaneous Reverse Current
IR
Rated DC Voltage, TC=125°C
20
mA
Note: Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com