Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR10200CL-TQ2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MBR10200CL-TQ2-R
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR10200CL-TQ2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MBR10200CL-TQ2-R Datasheet HTML 1Page - Unisonic Technologies MBR10200CL-TQ2-R Datasheet HTML 2Page - Unisonic Technologies MBR10200CL-TQ2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR10200C
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-185.D
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
200
V
Maximum non-repetitive Peak Reverse Voltage
VRM
200
V
Maximum DC Blocking Voltage
VR
200
V
Per Leg
5
A
Average Forward Rectified Output
Current
Total
IO
10
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half-Sine-Wave
IFSM
150
A
Junction Capacitance (Note 4)
CJ
300
pF
Operating Temperature
TJ
-65 ~ +150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
60
°С/W
TO-220/TO-263
2
°С/W
Junction to Case
TO-220F/TO-220F1
θJC
4
°С/W
ELECTRICAL CHARACTERISTICS (Note 3)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
IF=5A, TC=25°C
0.95
V
IF=5A, TC=125°C
0.85
V
IF=10A, TC=25°C
1
V
Instantaneous Forward Voltage Drop
VF
IF=10A, TC=125°C
0.95
V
Rated DC Voltage, TC=25°C
500
μA
Instantaneous Reverse Current
IR
Rated DC Voltage, TC=125°C
20
mA
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. 2.0μs Pulse Width, f = 1.0KHz.
3. Pulse Test: Pulse Width = 300µs, Duty Cycle ≤ 2.0%.
4. Applied VR = 4.0V and f = 1.0MHz.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com