Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1060CL-TQ2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MBR1060CL-TQ2-R
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR1060CL-TQ2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MBR1060CL-TQ2-R Datasheet HTML 1Page - Unisonic Technologies MBR1060CL-TQ2-R Datasheet HTML 2Page - Unisonic Technologies MBR1060CL-TQ2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR30100C
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-225.E
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
100
V
Maximum non-repetitive Peak Reverse Voltage
VRM
100
V
Maximum DC Blocking Voltage
VR
100
V
Average Forward Rectified Output Current
Per Leg
IO
15
A
Total
30
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half-Sine-Wave
IFSM
275
A
Junction Capacitance (Note 3)
CJ
300
pF
Operating Temperature
TJ
-65 ~ +150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-220F
TO-220F1/TO-263
θJA
62.5
°С/W
TO-3P
29
TO-247
35
Junction to Case
TO-220/TO-263
θJC
2
°С/W
TO-220F/TO-220F1
5
TO-3P
1.5
TO-247
1.45
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Instantaneous Forward Voltage Drop (Note 2)
VF
IF=15A, TC=25°C
0.85
V
IF=15A, TC=125°C
0.75
V
IF=30A, TC=25°C
1.10
V
IF=30A, TC=125°C
1.05
V
Instantaneous Reverse Current (Note 2)
IR
Rated DC Voltage, TC=25°C
100
μA
Rated DC Voltage, TC=125°C
20
mA
Notes: 1. 2.0μs Pulse Width, f = 1.0 KHz
2. Pulse Test: Pulse Width ≤ 300µs, Duty Cycle ≤ 2.0%
3. Applied VR = 4.0V and f = 1.0 MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com