Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE5201 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE5201
Description  1-2 Inch Flexible Prep Tool
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5201 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE5201 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE5201 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
1/2 Inch Flexible Prep Tool
Configuration
Description
1/2 Inch Flexible Prep Tool
Body Material and Plating
PC-GF20
Length, in [mm]
4.37 [111]
Width, in [mm]
2 [50.8]
Height, in [mm]
1.99 [50.55]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Component Material and Plating; Steel, Nickel Plated
Brass, Nickel Plated Steel.
1/2 Inch Flexible Prep Tool from Pasternack Enterprises has same day shipment for domestic and International orders. Our
RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1/2 Inch Flexible Prep Tool PE5201
URL: http://www.pasternack.com/1-2-inch-flexible-prep-tool-pe5201-p.aspx
PE5201
PE5201 REV
1/2 Inch Flexible Prep Tool


Similar Part No. - PE5201

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5200 PASTERNACK-PE5200 Datasheet
256Kb / 1P
COAXIAL CABLE CUTTING TOOL
PE5202 PASTERNACK-PE5202 Datasheet
751Kb / 2P
1-2 Inch Superflexible Trimming Tool
More results

Similar Description - PE5201

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44567 PASTERNACK-PE44567 Datasheet
237Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
PE44569 PASTERNACK-PE44569 Datasheet
231Kb / 3P
7/16 DIN Male Right Angle Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
logo
Molex Electronics Ltd.
0622025320 MOLEX11-0622025320 Datasheet
47Kb / 1P
2-by-1 zQSFP Insertion Tool
0622029930 MOLEX11-0622029930 Datasheet
46Kb / 1P
Extraction Tool, 2 x 1 Medium
logo
Pasternack Enterprises,...
PE5202 PASTERNACK-PE5202 Datasheet
751Kb / 2P
1-2 Inch Superflexible Trimming Tool
PE44564 PASTERNACK-PE44564 Datasheet
225Kb / 3P
N Male Right Angle Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
PE44570 PASTERNACK-PE44570 Datasheet
216Kb / 2P
7/16 DIN Female Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
PE45358 PASTERNACK-PE45358 Datasheet
410Kb / 3P
N Male Right Angle Connector Clamp/Solder Attachment for 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
logo
SparkFun Electronics
TOL-12783 SPARKFUN-TOL-12783 Datasheet
91Kb / 1P
Flexible Coolant Pipe - 1ft (1/2)
1/19/2016
logo
Molex Electronics Ltd.
2002183500 MOLEX-2002183500 Datasheet
38Kb / 1P
Cable Prep Tool for Sealed FAKRA RG58 Pin and Receptacle Assemblies
11/02/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com