Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BASE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BASE
Description  requires adjustable volume earphone accessory
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BASE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BASE Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.fatshark.com
BASE SD SPECIFICATION DOCUMENT (REV B 10/30/2012)
Revision History:
9/26/2012
New Document
10/30/2012
Updated product photo
Headset Specifications:
Optics:
FOV (field of view): 35°diagonal (Image size: 1.3m @ 2m)
Interpupillary (IPD) distance: 59 – 69 mm (adjustable)
Supports optional diopter lens inserts: -2, -4, -6 dpt
Audio:
Stereo (requires adjustable volume earphone accessory)
User Controls:
Contrast/ brightness control
Electrical:
Power supply: 7 - 13 V (2S/3S supply)
Power consumption (@7.4V nominal): 150mA
Filtered against UHF frequencies
Mechanical:
Ergonomic molded headset w/ adjustable headband
Secured rubber eye cups for ambient light reduction
Weight: 120g (not including cable)
Display
Full color LCD LED backlit Kopin CyberDisplay
922,000 pixels binocular display (640 X 480 VGA)
NTCS/PAL auto selecting
Head Tracker
None
Interface
Futaba Square 6pin AV in port (Vin, GND, AudR, AudL, Vid)
Power in port
3.5mm stereo earphone port
Packaging:
Box Size:
22 X 17 X 6.5 cm, 0.53 kg
Carton size:
30p/carton, 54X45X36 cm. 18kg dimensional
Contents:
Headset, zipper case, 3m AV cable, lens cloth,


Similar Part No. - BASE

ManufacturerPart #DatasheetDescription
logo
AG Electronica
BASE-LAMPARA-UVC-80W-IND AGELECTRONICA-BASE-LAMPARA-UVC-80W-IND Datasheet
167Kb / 2P
BASE P/LÁMPARA C/ROSCA E39 Y ADAPTADOR P/ROSCA E27
Version 1.0
logo
Micro Commercial Compon...
Basedon MCC-Basedon Datasheet
565Kb / 5P
1.5 Watt Zener Diode 10 to 200 Volts
logo
Ohmite Mfg. Co.
BASERIES OHMITE-BASERIES Datasheet
512Kb / 2P
Aluminum Cased Resistor
More results

Similar Description - BASE

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCEJ0365A-5 DUBILIER-DBCEJ0365A-5 Datasheet
79Kb / 1P
AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ0368-2T DUBILIER-DBCEJ0368-2T Datasheet
126Kb / 1P
AUDIO PCB 3.5mm EARPHONE JACK
logo
SUYIN USA, INC.
010110FB SUYIN-USA-010110FB Datasheet
136Kb / 1P
2.5mm EARPHONE JACK S.M.D TYPE
logo
Yamaichi Electronics Co...
AJ406-3-SMT YAMAICHI-AJ406-3-SMT Datasheet
160Kb / 3P
SMT Earphone Jacks (∅2.5mm)
LJE0252-B YAMAICHI-LJE0252-B Datasheet
242Kb / 4P
TH Earphone Jacks (∅2.5mm)
logo
Adam Technologies, Inc.
RCA-122-3-P3NK ADAM-TECH-RCA-122-3-P3NK Datasheet
71Kb / 1P
EARPHONE JACK
logo
CUI INC
PPR-1U CUI-PPR-1U Datasheet
1Mb / 11P
RACK ACCESSORY
logo
Texas Instruments
TLV320AIC1110 TI1-TLV320AIC1110_15 Datasheet
1,022Kb / 40P
Differential Earphone Outputs and One Single-Ended Earphone Output
logo
Ledil, Inc.
F16453 LEDIL-F16453 Datasheet
1Mb / 4P
Linnea Accessory
logo
Ultralife Corporation.
UHR-XR19650 ULTRALIFE-UHR-XR19650 Datasheet
489Kb / 2P
Pre-production Samples Available Now Low Volume Samples Available, Production Requires MOQ of 50k
Rev B
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com