Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOMINATORHD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DOMINATORHD
Description  43 channel support on 6 bands
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DOMINATORHD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DOMINATORHD Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.fatshark.com
DOMINATORHD SPECIFICATION DOCUMENT REV B 05/09/14
Optics:
FOV (field of view): 45 degrees diagonal
Glass optics (binocular 8p direct view optical engine)
Interpupillary (IPD) distance: 57 to 73 mm (adjustable)
Optional diopter lens inserts: -2, -4, -6 dpt
Audio:
Stereo
User Controls:
Channel selection
Volume control
Mode selection (wired/wireless)
Display control
DVR control
HT control
Electrical:
Power supply: 7 - 13 V (2S/3S supply)
Power consumption (@7.4V nominal):
390mA wireless mode
230mA direct mode (no RX)
RF Modules (optional):
43 channel support on 6 bands (1G3, 2G4, 4 x 5G8)
Mechanical:
Ergonomic molded headset w/ adjustable headband
Secured rubber eye cups for ambient light reduction
Weight: 200g
Display
800 X 600 (SVGA) LCD
Polarized LED backlight
NTCS/PAL auto selecting
side/side 3D
Head Tracker
Modular (sold separately)
DVR:
MicroSD support to 32Gb
Record rate: 6Mbps
MJPG compression, 30 fps, AVI
File playback (no codec support other than native recording)
Upgradeable via SD card
Battery:
Not included, sold separately
Interface
3.5mm AV in/out port
Power in port
3.5mm 3p earphone port
MiniDIN4 data port (head tracking)
MicroSD
MiniHDMI (720p 50/60 Hz)
RF module port
(ship weight approximately 0.6 kg)


Similar Part No. - DOMINATORHD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DOMINATORV2 ETC2-DOMINATORV2 Datasheet
78Kb / 1P
43 channel support on 6 bands
More results

Similar Description - DOMINATORHD

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2743001111 FAIR-RITE-2743001111 Datasheet
541Kb / 5P
43 BEAD ON LEAD
2743002111 FAIR-RITE-2743002111 Datasheet
542Kb / 5P
43 BEAD ON LEAD
2743004111 FAIR-RITE-2743004111 Datasheet
543Kb / 5P
43 BEAD ON LEAD
2743004112 FAIR-RITE-2743004112 Datasheet
585Kb / 5P
43 BEAD ON LEAD
2743008111 FAIR-RITE-2743008111 Datasheet
544Kb / 5P
43 BEAD ON LEAD
2743015111 FAIR-RITE-2743015111 Datasheet
539Kb / 5P
43 BEAD ON LEAD
2743015112 FAIR-RITE-2743015112 Datasheet
576Kb / 5P
43 BEAD ON LEAD
logo
List of Unclassifed Man...
DOMINATORV2 ETC2-DOMINATORV2 Datasheet
78Kb / 1P
43 channel support on 6 bands
logo
WALSIN TECHNOLOGY CORPO...
RFBPF2008A13T WALSIN-RFBPF2008A13T Datasheet
197Kb / 3P
High attenuation on GPS Bands
RFBPF2012080AC8Q1C WALSIN-RFBPF2012080AC8Q1C Datasheet
337Kb / 3P
High Rejection on GSM Bands
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com