Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL2701 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PL2701
Description  Super-Speed USB Host to Host Bridge Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PL2701 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PL2701 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
PL2701 Product Brochure
V02 10/30/2014
Prolific Technology Inc.
7F, #48, Sec.3, Nan-Kang Rd., Taipei, Taiwan 115, ROC
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail : sales@prolific.com.tw
http://www.prolific.com.tw
OVERVIEW
PL2701 is a single-chip SuperSpeed USB (USB 3.0) host-to-host bridge controller designed for connecting
two computers or devices with USB hosts running Andr
oid™, Linux, iOS, Mac OS, or Windows® operating
system. SuperSpeed USB (USB 3.0) reaches data transfer rates up to 5Gbps, offering 10x faster
performance over Hi-Speed USB (U SB 2.0) and is backward compatible with USB 2.0 hosts, devices,
and hubs.
PL2701 uses a
“Hybrid Multi-Class” channel allowing two USB hosts to share resources, such as a
keyboard or mouse, network, mass storage devices, displays, and multimedia. PL2701 default supports
Remote Network Driver Interface Specification (RNDIS), WinUSB, HID, Audio, and Mass Storage USB
device classes.
PL2701 also provides a flexible endpoint assignment mechanism that allows many
applications to be implemented through this high performance host-to-host bridge controller.
PL2701 (ULinQ)
Super-Speed USB Host to Host Bridge Controller
BLOCK DIAGRAM
 Full compliance with the USB3.0 Specification v1.0
 USB-IF Logo Certified (TID 340000113)
 Transfer data and share resources between two or more
PCs with speed up to 5Gbps
 Support 16 endpoints (Excluding EP0) to be configured
as interrupt, bulk, and isochronous endpoints
 Hybrid FIFO Channels (Pass-Through FIFO Channel
and DMA FIFO Channel) for versatile usages
FEATURES
 8-bit high performance 1T 8032 MCU from
30MHz to 60MHz
 One I2c Master up to 1MHz, One SPI Master up
to 60MHz, One eMMC reader up to 30MHz,
 PWMx2, UARTx1, GPIOsx16
 On-Chip 5v-3.3v internal regulator
 Bus powered from either USB port
 QFN64 packaging
USB
Host B
USB
Host A


Similar Part No. - PL2701

ManufacturerPart #DatasheetDescription
logo
Prolific Technology Inc...
PL2731 PROLIFIC-PL2731 Datasheet
353Kb / 1P
USB 3.0 Single LUN Mass Storage Card Reader
PL2732 PROLIFIC-PL2732 Datasheet
346Kb / 1P
USB 3.0 eMMC Storage Controller
PL2733 PROLIFIC-PL2733 Datasheet
361Kb / 1P
USB 3.0 iOS/Generic Storage Controller
logo
Pulse A Technitrol Comp...
PL2763NL PULSE-PL2763NL Datasheet
1Mb / 6P
SMT Common Mode Chokes
logo
List of Unclassifed Man...
PL2771 ETC2-PL2771 Datasheet
173Kb / 1P
SuperSpeed USB3.0 to SATAII Bridge Controller
More results

java.net.ConnectException: Connection refused (Connection refused)java.lang.NullPointerException

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com