Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFC4000 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SFC4000
Description  CMOSens technology
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFC4000 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SFC4000 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFC4000 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFC4000 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFC4000 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFC4000 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFC4000 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFC4000 Datasheet HTML 9Page - List of Unclassifed Manufacturers SFC4000 Datasheet HTML 10Page - List of Unclassifed Manufacturers SFC4000 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CMOSensSFC4000 Mass Flow Controller for Gases
www.sensirion.com
Product InformationJanuary 2012 – v2.6
7/15
2.5 Wetted Materials & Compatibility
The packaging method ensures that a minimum
number of inert materials only is wetted by the gas
which is controlled by the SFC4000 MFC.
The following Table 2 gives an overview of the
materials wetted by the gas.
Table 2: Overview of Wetted Materials
PC Part
Wetted Material
Body
Aluminium
Sensor element
Silicon (Si)
Silicon oxide (SiOx)
Silicon nitride (Si3N4)
Stainless Steel
Glass
Glob Top
Sealing
Viton
Valve15
Brass
Viton
For high volume OEM applications also different
specialized materials for the body, the valve and the
sealing can be configured.
2.6
Operation with different gas types
The CMOSensSFC4000 Mass Flow Controller is
available in different versions. For all versions the
safety instructions in chapter 2.7 must be observed.
For standard applications a cost effective off-the-shelf
version calibrated with N2 or Air is the best choice.
This also ensures short lead times at comparably low
costs.
For volume customers other gas type calibrations are
available on request and availability. Please contact
Sensirion for further details if this option is applicable
to you.
2.7
Safety Instructions
The CMOSensSFC4000 is designed for the use of
a wide range of various types of gases. The vacuum
tight stainless steel packaging of the CMOSenschip
together with the housing and sealing materials
15
valve for volume OEM applications also available with Stainless
Steel body instead of brass body and Kalrezinstead of Viton.
ensure a tight and highly resistant sealing of the
controller. Furthermore, each controller is thoroughly
leak tested during the manufacturing process.
In addition the electronic circuit is designed in such a
way that the maximum heating energy of the sensor
is limited to 12 mW in every circumstance (even in the
case of a failure).
For safety reasons however Sensirion strongly
recommends to maintain also the following
instructions:
Toxic gases
The whole gas assembly must be checked for
leakage before applying toxic gas to the device.
Explosive gases
The CMOSenssensor element is tested according
to EN 50020 chapter 6.2.4 b). Sensirion guarantees
the safe use of gases of the classes T1 or T2 (ignition
temperature
 300 °C). This includes also mixtures of
air or oxygen with hydrogen or hydrocarbons.
However the SFC4000 is not designed for the use in
hazardous areas (EN 6079-10) where explosive
gases can occur outside of the controller.
Aggressive or corrosive gases
Please make sure that the gases you use are
compatible with the wetted materials listed in Table 2,
chapter 2.5. In case of doubt please contact Sensirion
for further advice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com