Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFM4100 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SFM4100
Description  Calibrated and temperature compensated
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFM4100 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  SFM4100 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.sensirion.com
Version 1.3 – January 2013
7/9
7.5
Pin assignments
.
Figure 4: Digital output pin assignments (top view)
7.6
Electrical Connection
The SFM4100 Sensor has a 8 pin 2.54 mm pitch electrical
connector (E-Tec: SL2-008-SH108/01-55B).
The following connectors can be used as corresponding
sockets :
for direct PCB mounting of the SFM4100
Through Hole:
Digikey: S7107-ND
SMD:
Digikey: S5713-ND
with ribbon cable connector
Digikey:
609-3568-ND
Mouser:
649-71600-008LF
corresponding ribbon cable
Mouser:
517-3365/08-300SF
Farnell:
9187111
The cable length from the sensor to the microprocessor is
recommended to be below 30 cm. In case longer cable
length is required, please contact Sensirion.
7.7
Sensor handling
The sensors of the SFM4100 series are designed to be
robust and vibration resistant. Nevertheless, the accuracy
of the high-precision SFM4100 series can be degraded by
rough handling. Sensirion does not guarantee proper
operation in case of improper handling. Note: avoid
applying any mechanical stress to the solder joints of the
sensor during or as a result of PCB assembly.
The sensor ships in an antistatic package to prevent
electrostatic discharge (ESD), which can damage the part.
To avoid such damage, ground yourself using a grounding
strap or by touching a grounded object. Furthermore store
the parts in the antistatic package when not in use.
7.8
Packaging, Labeling
Housing: The sensor housing consists of Grillamid (PA12).
The device is fully RoHS compliant – it is free of Pb, Cd,
Hg, Cr(6+), PBB and PBDE.
Each sensor is labelled on the front side:
Traceability Information: SFM4xxx are shipped in trays
of 10pcs with 4 trays per box. The tray dimension is
355mm x 255mm x 21.5mm. Each Sensor is traceable
through its unique serial number.
Sensor type
Sensirion item # (plain
& barcode)
Ser. # (plain &
barcode)
Calib. Gas / max flow /
fitting
Reference conditions
Figure 5: Label sticking on each sensor
8. Ordering Information
Use the part names and item numbers shown in the
following table when ordering SFM4100 series mass flow
sensors. For the latest product information and local
distributors, visit www.sensirion.com.
Part name
Gas
Calibrated
range
Item number
Legris
Downmount
SFM4100
Air; N2
0-20 slm
1-100688-02 1-100890-02
SFM4100
O2
0-20 slm
1-100686-02 1-100888-02
SFM4100
CO2
0-20 slm
1-100687-02 1-100889-02
SFM4100
N2O
0-20 slm
1-100684-02 1-100886-02
SFM4100
Ar
0-20 slm
1-100685-02 1-100887-02
SFM7xxx
OEM
OEM
tbd
Packaging units: 10 items/tray and 40 items/box.
MOQ: 1 box = 40 Sensors of the same type.
Pin Number
Definition
Pin 1
Sensor Supply voltage
VDD: 3.5-9 V
Pin 2
Not connected
Pin 3
Level shifter supply voltage
VLS: 2.9-5.5 V
Pin 4
GND
Pin 5
Bus Clock Line
SCL: 10-120 kHz
Pin 6
GND
Pin 7
Data Line / SCK
Pin 8
GND
SFM4100-Air
www. sensirion.com
1-100XXX-02
Made in Switzerland
╽║║║║▎▏╽║║▕║║▍▎▏╽║║╿▎▏Air
09320023
20slm
╽║║║║▎▏╽║║▕║║▍▎▏╽║║╿▎▏
fitting
20°C, 1013 mbar
VDD
VLS
SCK



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com