Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT21S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SHT21S
Description  Humidity and Temperature Sensor IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT21S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SHT21S Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT21S Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT21S Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT21S Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT21S Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT21S Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT21S Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT21S Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT21S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.sensirion.com
Version 4 – May 2014
2/10
Sensor Performance
Relative Humidity123
Parameter
Condition
Value
Units
Resolution
12 bit
0.04
%RH
Accuracy
tolerance 1
typ
2.0
%RH
max
see Figure 2
%RH
Repeatability
0.1
%RH
Hysteresis
1
%RH
Nonlinearity
<0.1
%RH
Response time 2
 63%
8
s
Operating Range extended 3
0 to 100
%RH
Long Term Drift 4
Typ.
< 0.25
%RH/yr
Figure 2 Typical and maximal tolerance at 25°C for relative
humidity. For extensive information see Users Guide, Sect. 1.2.
For electronic impacts on accuracy please consult Sect. 5.3.
Electrical Specification
Parameter
Condition
min
typ
max Units
Supply Voltage, VDD
2.1
3.0
3.6
V
Supply Current, IDD 5
160
µA
Power Dissipation 5
0.48
mW
Measurement
Frequency
2
Hz
Switch RH/T on SDA SCL up  RH; SCL down  T
Table 1
Electrical specification. For absolute maximum
values see Chapter 4.1 of Users Guide.
1 Accuracies are tested at Outgoing Quality Control at 25°C and 3.0V. Values
exclude hysteresis and long term drift and are applicable to non-condensing
environments only.
2 Time for achieving 63% of a step function, valid at 25°C and 1 m/s airflow.
3 Normal operating range: 0-80%RH, beyond this limit sensor may read a
reversible offset with slow kinetics (+3%RH after 60h at humidity >80%RH). For
more details please see Section 1.1 of the Users Guide.
Temperature456
Parameter
Condition
Value
Units
Resolution
14 bit
0.01
°C
Accuracy
tolerance 1
typ
0.3
°C
max
see Figure 3
°C
Repeatability
0.1
°C
Operating Range extended 3
-40 to 125
°C
Response Time 6
 63%
5 to 30
s
Long Term Drift 7
Typ.
< 0.02
°C/yr
Figure 3 Typical and maximal temperature accuracy tolerance.
For electronic impacts on accuracy please consult Sect. 5.3.
Packaging Information
Sensor Type
Packaging
Quantity
Order Number
SHT21S
Tape & Reel
400
1-100718-01
Tape & Reel
1500
1-100697-01
Tape & Reel
5000
1-100696-01
This datasheet is subject to change and may be amended
without prior notice.
4 Typical value for operation in normal RH/T operating range. Max. value is < 0.5
%RH/y. Value may be higher in environments with vaporized solvents, out-
gassing tapes, adhesives, packaging materials, etc. For more details please
refer to Handling Instructions.
5 Values of Supply Current and Power Dissipation are based upon fixed VDD =
3.0V and T = 25°C applying a low pass filter as proposed in Sect. 5.3.
6 Response time depends on heat conductivity of sensor substrate.
7 Max. value is < 0.04°C/y.
± 0
± 2
± 4
± 6
± 8
± 10
0
10
20
30
40
50
60
70
80
90
100
ΔRH(%RH)
Relative Humidity (%RH)
maximum accuracy
typical accuracy
± 0.0
± 0.5
± 1.0
± 1.5
± 2.0
-40
-20
0
20
40
60
80
100
120
ΔT (
C)
Temperature (°C)
maximum accuracy
typical accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com