Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLI Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SLI
Description  Media Isolated Microfluidic Flow Meter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLI Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SLI Datasheet HTML 1Page - List of Unclassifed Manufacturers SLI Datasheet HTML 2Page - List of Unclassifed Manufacturers SLI Datasheet HTML 3Page - List of Unclassifed Manufacturers SLI Datasheet HTML 4Page - List of Unclassifed Manufacturers SLI Datasheet HTML 5Page - List of Unclassifed Manufacturers SLI Datasheet HTML 6Page - List of Unclassifed Manufacturers SLI Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.sensirion.com
Version 10 –February 2015
5/7
4 Fluidic Connection
Table 5: Fluidic Specifications and Pressure Rating
Parameter
SLI-0430
SLI-1000
SLI-2000
Wetted Materials:
Internal sensor tube material
Quartz Glass
(Fused Silica)
Borosilicate Glass 3.3
Fitting material
PEEK
Sealing material
None
FEP
Fluid connector ports (Fittings)
¼-28 flat-bottom for 1/16” or 1/8” OD plastic tubinga
Pressure drop (at full scale flow rate, H2O, 23°C)
1 mbar
<1 mbar
<1 mbar
Pressure drop (at full scale flow rate, IPA, 23°C)
7 mbar
5 mbar
2 mbar
Total internal volume
5 µl
25 µl
80 µl
a
1/8” OD tubing with 2 mm minimum ID is recommended for the SLI-2000.
For more information on the fluidic connection please find: “Application Note Sensor Ports and Tubing Connections” in the
Download Center on our webpage (www.sensirion.com/liquidflow-download).
5 Mechanical Specifications
Table 6: Mechanical Specifications
Parameter
SLI-0430
SLI-1000
SLI-2000
Largest dimensions
58 x 42.5 x 20 mm
Total mass
53 g
Inner diameter d
430 µm
1.0 mm
1.8 mm
Protection class
IP 65
All dimensions in mm
SLI-0430
SLI-1000 / SLI-2000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com