Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE44648B Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44648B
Description  FAKRA Jack Right Angle Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, White Color
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44648B Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44648B Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44648B Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
FAKRA Jack Right Angle Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, White Color
Configuration
Connector
FAKRA Jack
Connector Interface Type
PE-C100,RG174,RG316
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.878 [22.3]
Width/Dia., in [mm]
0.37 [9.40]
.
Weight, lbs [g]
0.008 [3.63]
Color
White
Connector
Type
FAKRA Jack
Contact Material and Plating
Phosphor Bronze, Gold
Outer Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Plastic
Dielectric Type
Teflon/Delrin
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
FAKRA Jack Right Angle Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, White Color from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: FAKRA Jack Right Angle Connector Crimp/Solder Attachment For PE-C100, RG174, RG316,
White Color PE44648B
URL: http://www.pasternack.com/fakra-jack-standard-pe-c100-rg174-rg316-connector-pe44648b-p.aspx
PE44648B
PE44648B REV 01
FAKRA Jack Right Angle Connector Crimp/Solder
Attachment For PE-C100, RG174, RG316, White Color


Similar Part No. - PE44648B

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44648A PASTERNACK-PE44648A Datasheet
301Kb / 2P
FAKRA Jack Right Angle Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Black Colo
PE44648C PASTERNACK-PE44648C Datasheet
302Kb / 2P
FAKRA Jack Right Angle Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Blue Color
PE44648D PASTERNACK-PE44648D Datasheet
308Kb / 3P
FAKRA Jack Right Angle Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Bordeaux Color
PE44648H PASTERNACK-PE44648H Datasheet
301Kb / 2P
FAKRA Jack Right Angle Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Violet Color
PE44648I PASTERNACK-PE44648I Datasheet
301Kb / 2P
FAKRA Jack Right Angle Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Beige Color
More results

Similar Description - PE44648B

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44646H PASTERNACK-PE44646H Datasheet
303Kb / 3P
FAKRA Jack Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Violet Color
PE44648C PASTERNACK-PE44648C Datasheet
302Kb / 2P
FAKRA Jack Right Angle Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Blue Color
PE44646I PASTERNACK-PE44646I Datasheet
302Kb / 3P
FAKRA Jack Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Beige Color
PE44646K PASTERNACK-PE44646K Datasheet
229Kb / 3P
FAKRA Jack Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Curry Color
PE44647B PASTERNACK-PE44647B Datasheet
297Kb / 3P
FAKRA Plug Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, White Color
PE44648D PASTERNACK-PE44648D Datasheet
308Kb / 3P
FAKRA Jack Right Angle Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Bordeaux Color
PE44648H PASTERNACK-PE44648H Datasheet
301Kb / 2P
FAKRA Jack Right Angle Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Violet Color
PE44648I PASTERNACK-PE44648I Datasheet
301Kb / 2P
FAKRA Jack Right Angle Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Beige Color
PE44648K PASTERNACK-PE44648K Datasheet
301Kb / 2P
FAKRA Jack Right Angle Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Curry Color
PE44646B PASTERNACK-PE44646B Datasheet
302Kb / 3P
FAKRA Jack Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, White Color
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com