Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI4532CDY Datasheet(PDF) 2 Page - Vishay Telefunken

Part # SI4532CDY
Description  N- and P-Channel 30 V (D-S) MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4532CDY Datasheet(HTML) 2 Page - Vishay Telefunken

  SI4532CDY Datasheet HTML 1Page - Vishay Telefunken SI4532CDY Datasheet HTML 2Page - Vishay Telefunken SI4532CDY Datasheet HTML 3Page - Vishay Telefunken SI4532CDY Datasheet HTML 4Page - Vishay Telefunken SI4532CDY Datasheet HTML 5Page - Vishay Telefunken SI4532CDY Datasheet HTML 6Page - Vishay Telefunken SI4532CDY Datasheet HTML 7Page - Vishay Telefunken SI4532CDY Datasheet HTML 8Page - Vishay Telefunken SI4532CDY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.vishay.com
2
Document Number: 64805
S11-0652-Rev. B, 11-Apr-11
Vishay Siliconix
Si4532CDY
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
N-Ch
30
V
VGS = 0 V, ID = - 250 µA
P-Ch
- 30
VDS Temperature Coefficient
VDS/TJ
ID = 250 µA
N-Ch
33
mV/°C
ID = - 250 µA
P-Ch
- 33
VGS(th) Temperature Coefficient
VGS(th)/TJ
ID = 250 µA
N-Ch
- 5.8
IID = - 250 µA
P-Ch
4.5
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
N-Ch
1.0
3.0
V
VDS = VGS, ID = - 250 µA
P-Ch
- 1.0
- 3.0
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
N-Ch
100
nA
P-Ch
- 100
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
N-Ch
1
µA
VDS = - 30 V, VGS = 0 V
P-Ch
- 1
VDS = 30 V, VGS = 0 V, TJ = 55 °C
N-Ch
5
VDS = - 30 V, VGS = 0 V, TJ = 55 °C
P-Ch
- 5
On-State Drain Currentb
ID(on)
VDS =5 V, VGS = 10 V
N-Ch
20
A
VDS = -5 V, VGS = - 10 V
P-Ch
- 12
Drain-Source On-State Resistanceb
RDS(on)
VGS = 10 V, ID = 3.5 A
N-Ch
0.038
0.047
VGS = - 10 V, ID = - 3.5 A
P-Ch
0.073
0.089
VGS = 4.5 V, ID = 2.8 A
N-Ch
0.052
0.065
VGS = - 4.5 V, ID = - 2.5 A
P-Ch
0.113
0.140
Forward Transconductanceb
gfs
VDS = 15 V, ID = 2.5 A
N-Ch
7
S
VDS = - 15 V, ID = - 3.5 A
P-Ch
7
Dynamica
Input Capacitance
Ciss
N-Channel
VDS = 15 V, VGS = 0 V, f = 1 MHz
P-Channel
VDS = - 15 V, VGS = 0 V, f = 1 MHz
N-Ch
305
pF
P-Ch
340
Output Capacitance
Coss
N-Ch
65
P-Ch
67
Reverse Transfer Capacitance
Crss
N-Ch
29
P-Ch
51
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 2.5 A
N-Ch
6
9
nC
VDS = - 15 V, VGS = - 10 V, ID = - 2.5 A
P-Ch
7.8
12
N-Channel
VDS = 15 V, VGS = 4.5 V ID = 2.5 A
P-Channel
VDS = - 15 V, VGS = - 4.5 V, ID = - 2.5 A
N-Ch
2.75
4.5
P-Ch
4.1
6.2
Gate-Source Charge
Qgs
N-Ch
1.3
P-Ch
1.3
Gate-Drain Charge
Qgd
N-Ch
0.9
P-Ch
1.8
Gate Resistance
Rg
f = 1 MHz
N-Ch
0.6
3.1
6.2
P-Ch
2.0
10
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com