Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI4774DY Datasheet(PDF) 9 Page - Vishay Telefunken

Part # SI4774DY
Description  N-Channel 30 V (D-S) MOSFET with Schottky Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4774DY Datasheet(HTML) 9 Page - Vishay Telefunken

Back Button SI4774DY Datasheet HTML 2Page - Vishay Telefunken SI4774DY Datasheet HTML 3Page - Vishay Telefunken SI4774DY Datasheet HTML 4Page - Vishay Telefunken SI4774DY Datasheet HTML 5Page - Vishay Telefunken SI4774DY Datasheet HTML 6Page - Vishay Telefunken SI4774DY Datasheet HTML 7Page - Vishay Telefunken SI4774DY Datasheet HTML 8Page - Vishay Telefunken SI4774DY Datasheet HTML 9Page - Vishay Telefunken SI4774DY Datasheet HTML 10Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Application Note 826
Vishay Siliconix
www.vishay.com
Document Number: 72606
22
Revision: 21-Jan-08
RECOMMENDED MINIMUM PADS FOR SO-8
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.172
(4.369)
0.028
(0.711)
0.050
(1.270)
0.022
(0.559)
Return to Index
Return to Index



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com