Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI4830CDY Datasheet(PDF) 2 Page - Vishay Telefunken

Part # SI4830CDY
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4830CDY Datasheet(HTML) 2 Page - Vishay Telefunken

  SI4830CDY Datasheet HTML 1Page - Vishay Telefunken SI4830CDY Datasheet HTML 2Page - Vishay Telefunken SI4830CDY Datasheet HTML 3Page - Vishay Telefunken SI4830CDY Datasheet HTML 4Page - Vishay Telefunken SI4830CDY Datasheet HTML 5Page - Vishay Telefunken SI4830CDY Datasheet HTML 6Page - Vishay Telefunken SI4830CDY Datasheet HTML 7Page - Vishay Telefunken SI4830CDY Datasheet HTML 8Page - Vishay Telefunken SI4830CDY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.vishay.com
2
Document Number: 68884
S09-2109-Rev. B, 12-Oct-09
Vishay Siliconix
Si4830CDY
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 1 mA
Ch-1
30
V
VGS = 0 V, ID = 1 mA
Ch-2
30
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
Ch-1
32
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
ID = 250 µA
Ch-1
- 6
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 1 mA
Ch-1
1
3
V
VDS = VGS, ID = 1 mA
Ch-2
1
3
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
Ch-1
100
nA
VDS = 0 V, VGS = ± 20 V
Ch-2
100
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
Ch-1
0.001
mA
VDS = 30 V, VGS = 0 V
Ch-2
0.016
0.10
VDS = 30 V, VGS = 0 V, TJ = 100 °C
Ch-1
0.025
VDS = 30 V, VGS = 0 V, TJ = 100 °C
Ch-2
1.1
10
On-State Drain Currentb
ID(on)
VDS = 5 V, VGS = 10 V
Ch-1
20
A
VDS = 5 V, VGS = 10 V
Ch-2
20
Drain-Source On-State Resistanceb
RDS(on)
VGS = 10 V, ID = 8 A
Ch-1
0.0156
0.020
Ω
VGS = 10 V, ID = 8 A
Ch-2
0.0156
0.020
VGS = 4.5 V, ID = 5 A
Ch-1
0.019
0.025
VGS = 4.5 V, ID = 5 A
Ch-2
0.019
0.025
Forward Transconductanceb
gfs
VDS = 15 V, ID = 8 A
Ch-1
29
S
VDS = 15 V, ID = 8 A
Ch-2
29
Dynamica
Input Capacitance
Ciss
Channel-1
VDS = 15 V, VGS = 0 V, f = 1 MHz
Channel-2
VDS = 15 V, VGS = 0 V, f = 1 MHz
Ch-1
950
pF
Ch-2
950
Output Capacitance
Coss
Ch-1
155
Ch-2
185
Reverse Transfer Capacitance
Crss
Ch-1
65
Ch-2
65
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 8 A
Ch-1
16.5
25
nC
VDS = 15 V, VGS = 10 V, ID = 8 A
Ch-2
16.5
25
Channel-1
VDS = 15 V, VGS = 4.5 V, ID = 8 A
Channel-2
VDS = 15 V, VGS = 4.5 V, ID = 8 A
Ch-1
7.3
11
Ch-2
7.3
11
Gate-Source Charge
Qgs
Ch-1
2.7
Ch-2
2.7
Gate-Drain Charge
Qgd
Ch-1
2.1
Ch-2
2.1
Gate Resistance
Rg
f = 1 MHz
Ch-1
0.2
1.2
2.4
Ω
Ch-2
0.2
1.2
2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com