Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

970-005 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 970-005
Description  PowerTrip Connectors and Accessories
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

970-005 Datasheet(HTML) 1 Page - Glenair, Inc.

  970-005 Datasheet HTML 1Page - Glenair, Inc. 970-005 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
20
C
© 2013 Glenair, Inc.
Series 970 PowerTrip™
CAGE Code 06324
Printed in U.S.A.
Series 970 PowerTrip™ Connectors and Accessories
Cable Connectors
970-005 Cable Receptacle
970-005 CABLE RECEPTACLES
These connectors, often called“in-line”,“line”or“free-hanging”receptacles, are installed
on cables for cord-to-cord applications. These connectors feature high current
LouverBand contacts. Coupling threads are triple-start ACME type. EMI protected with
ground spring and splined backshell interface. Standard contacts are silver plated
high conductivity copper alloy, or choose gold-plated contacts for improved corrosion
protection. Fluorosilicone rubber gaskets and grommets provide watertight sealing.
Unassembled contacts are packaged with connector.
HOW TO ORDER
SERIES
SHELL MATL
AND FINISH
SHELL SIZE - INSERT
ARRANGEMENT
CONTACT TYPE AND
PLATING
KEY POSITION
970-005
Cable
Receptacle
ME
Aluminum,
Electroless Nickel
Finish
MT
Aluminum, Nickel-
PTFE Finish
NF
Aluminum, Olive
Drab Cadmium
ZR
Aluminum, Black
Zinc-Nickel Finish
Z1
Passivated
Stainless Steel
P1
Pin Contacts, Silver Plating*
P2
Pin Contacts, Gold Plating
S1
Socket Contacts, Silver
Plating*
S2
Socket Contacts, Gold
Plating
A
Pin Connector, without
Contacts
B
Socket Connector, without
Contacts
* Size 12 and 16 contacts are
gold-plated. Size 8, 4 and
1/0 are silver plated.
-1
Position 1
-2
Position 2
-3
Position 3
-4
Position 4
-5
Position 5
-6
Position 6
Sample Part Number
970-005
MT
24-5
P1
-1
PRODUCT FACTS
2000 VAC Sea Level DWV Rating
-65°C to +200°C Operating Temperature
6 Feet Water Immersion, 48 Hours
65 dB min. Attenuation, up to 10GHz
500 Cycles Mating Durability
MIL-S 901 Grade A High-Impact Shock
43 g Random Vibration
• EMI Protected
• High Current Contacts
• Splined Backshell Interface
Contact
Arr.
Contact Size and Qty
#16 #12 #8
#4 #1/0
18-2
2
18-4
2
2
20-3
3
20-4
4
20-5
2
3
20-7
4
3
24-2
2
24-3
3
24-5
5
24-6
4
2
24-A6
3
3
28-4
4
28-8
1
7
28-9
5
4
28-15
15
32-2
2
32-3
3
32-4
2
2
32-5
5
32-6
3
3
32-20
1
19
36-4
4
36-16
3
13
40-5
5
40-21
21


Similar Part No. - 970-005

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
970-0050 DURATOOL-970-0050 Datasheet
156Kb / 2P
Hand Hole Cutters
15/11/11 V1.1
More results

Similar Description - 970-005

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-970J GLENAIR-240-970J Datasheet
368Kb / 2P
PowerTrip Connectors and Accessories
370-024 GLENAIR-370-024 Datasheet
691Kb / 3P
PowerTrip Connectors and Accessories
390-055 GLENAIR-390-055 Datasheet
681Kb / 3P
PowerTrip Connectors and Accessories
390PS036 GLENAIR-390PS036 Datasheet
254Kb / 2P
PowerTrip Connectors and Accessories
970-001 GLENAIR-970-001 Datasheet
338Kb / 2P
PowerTrip Connectors and Accessories
970-003 GLENAIR-970-003 Datasheet
327Kb / 2P
PowerTrip Connectors and Accessories
970-004 GLENAIR-970-004 Datasheet
367Kb / 2P
PowerTrip Connectors and Accessories
970-006 GLENAIR-970-006 Datasheet
506Kb / 2P
PowerTrip Connectors and Accessories
970-008 GLENAIR-970-008 Datasheet
951Kb / 4P
PowerTrip Connectors and Accessories
970-011 GLENAIR-970-011 Datasheet
338Kb / 2P
PowerTrip Connectors and Accessories
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com