Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS1KL-SMA-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # RS1KL-SMA-R
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RS1KL-SMA-R Datasheet(HTML) 1 Page - Unisonic Technologies

  RS1KL-SMA-R Datasheet HTML 1Page - Unisonic Technologies RS1KL-SMA-R Datasheet HTML 2Page - Unisonic Technologies RS1KL-SMA-R Datasheet HTML 3Page - Unisonic Technologies RS1KL-SMA-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
RS1K
Preliminary
DIODE
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R601-221.B
SURFACE MOUNT FAST
RECOVERY RECTIFIER
DESCRIPTION
The UTC RS1K is a surface mount fast recovery rectifier, it uses
UTC’s advanced technology to provide customers with fast switching,
high forward surge current and low reverse leakage, etc.
The UTC RS1K is suitable for surface mounted applications.
FEATURES
* Fast switching for high efficiency
* Low reverse leakage
* High forward surge current capability
SYMBOL
SMA
(JEDEC DO-214AC)
+
-
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
RS1KL-SMA-R
RS1KG-SMA-R
SMA
K
A
Tape Reel
Note: Pin Assignment: A: Anode
K: Cathode
MARKING
Date Code
Cathode Band for
uni-directional Only
UT C
RS1 K
L: Lead Free
G: Halogen Free


Similar Part No. - RS1KL-SMA-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RS1KL TSC-RS1KL Datasheet
208Kb / 2P
0.8 AMP. Surface Mount Fast Recovery Rectifiers
RS1KL TSC-RS1KL Datasheet
442Kb / 2P
0.8 AMP. Surface Mount Fast Recovery Rectifiers
RS1KL TSC-RS1KL Datasheet
198Kb / 2P
0.8 AMP. Surface Mount Fast Recovery Rectifiers
logo
Rugao Dachang Electroni...
RS1KL DACHANG-RS1KL Datasheet
129Kb / 2P
Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
logo
Guangdong Kexin Industr...
RS1KL KEXIN-RS1KL Datasheet
864Kb / 2P
Fast Recovery Diodes
More results

Similar Description - RS1KL-SMA-R

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1A PANJIT-RS1A_05 Datasheet
41Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
MIC GROUP RECTIFIERS
RS3A MIC-RS3A Datasheet
66Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
SRTA EIC-SRTA_05 Datasheet
56Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM101 TAYCHIPST-FFM101 Datasheet
3Mb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
RS2A PACELEADER-RS2A Datasheet
323Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Sangdest Microelectroni...
FR3A-K SMC-FR3A-K Datasheet
172Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FR1AF ETC2-FR1AF Datasheet
575Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
FR3AF ETC2-FR3AF Datasheet
580Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com