Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS1006FLG-CA2F-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # RS1006FLG-CA2F-R
Description  SURFACE MOUNT FAST DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RS1006FLG-CA2F-R Datasheet(HTML) 2 Page - Unisonic Technologies

  RS1006FLG-CA2F-R Datasheet HTML 1Page - Unisonic Technologies RS1006FLG-CA2F-R Datasheet HTML 2Page - Unisonic Technologies RS1006FLG-CA2F-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RS1006FL
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-213.C
ABSOLUTE MAXIMUM RATINGS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz, resistive or inductive load, for capacitive load current derate by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
Repetitive Peak Reverse Voltage
VRRM
600
V
RMS Voltage
VRMS
420
V
DC Blocking Voltage
VDC
600
V
Average Forward Rectified Current Derate above TC=110°C
IF(AV)
1.0
A
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
IFSM
30
A
Junction Temperature
TJ
-55~+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
200
°C/W
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz, resistive or inductive load, for capacitive load current derate by 20%.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Instantaneous Forward Voltage
VF
IF=0.7A
1.15
V
IF=1.0A
1.3
V
DC Reverse Current at Rated DC Blocking
Voltage
IR
TJ=25°C
5
μA
TJ=125°C
50
μA
Reverse Recovery Time
trr
IF=0.5A, IR=1A, Irr=0.25A
250
nS
Junction Capacitance
CJ
VR=4V, f=1MHz
9
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com