Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB8U60L-T27-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # SB8U60L-T27-R
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SB8U60L-T27-R Datasheet(HTML) 2 Page - Unisonic Technologies

  SB8U60L-T27-R Datasheet HTML 1Page - Unisonic Technologies SB8U60L-T27-R Datasheet HTML 2Page - Unisonic Technologies SB8U60L-T27-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB8U60
Preliminar
y
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R202-027.b
ABSOLUTE MAXIMUM RATINGS (TA =25°C unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load. For capacitance load, derate current by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Repetitive Reverse Voltage
VRRM
60
V
Working Peak Reverse Voltage
VRWM
60
V
DC Blocking Voltage
VRM
60
V
Average Rectified Output Current
IO
8
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
280
A
Operating Junction Temperature
TJ
-65~ +150
°C
Storage Temperature
TSTG
-65~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
60
°C/W
Junction to Case (Note)
θJC
13
°C/W
Note: Polymide PCB, 2 oz. Copper.
ELECTRICAL CHARACTERISTICS (TA =25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Forward Voltage Drop
VF
IF=1.0A, TJ=25°C
0.30 0.35
V
IF=8A, TJ=25°C
0.46 0.53
V
IF=8A, TJ=125°C
0.5
V
Reverse Current (Note 2)
IR
VR = 60V, TJ=25°C
0.12 0.6
mA
VR = 60V, TJ=125°C
100
mA
Notes: 1. Theoretical θJS calculated from the top center of the die straight down to the PCB cathode tab solder
junction.
2. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com