Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB130L-Z41-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # SB130L-Z41-R
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SB130L-Z41-R Datasheet(HTML) 2 Page - Unisonic Technologies

  SB130L-Z41-R Datasheet HTML 1Page - Unisonic Technologies SB130L-Z41-R Datasheet HTML 2Page - Unisonic Technologies SB130L-Z41-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB130
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-276.b
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
Working Peak Reverse Voltage
VRWM
30
V
Peak Repetitive Reverse Voltage
VRRM
30
V
RMS Reverse Voltage
VR(RMS)
21
V
DC Blocking Voltage
VR
30
V
Average Rectified Output Current
IO
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
(JEDEC Method)
IFSM
25
A
Operating Junction Temperature
TJ
-65~+125
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SMA
95
°C/W
Junction to Ambient
DO-41
θJA
50
°C/W
ELECTRICAL CHARACTERISTICS (Note 2) (TA =25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage
V(BR)R
IR=0.50mA
30
V
Forward Voltage Drop
VFM
IF=1.0A
0.55
V
TA=25°C
1.0
mA
Peak Reverse Current at Rated DC
Blocking Voltage
IRM
TA=100°C
10
mA
Notes: 1. Measured at ambient temperature at a distance of 9.5mm from the case.
2. Short duration test pulse used to minimize self-heating effect.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com