Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB260L-Z41-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # SB260L-Z41-R
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SB260L-Z41-R Datasheet(HTML) 2 Page - Unisonic Technologies

  SB260L-Z41-R Datasheet HTML 1Page - Unisonic Technologies SB260L-Z41-R Datasheet HTML 2Page - Unisonic Technologies SB260L-Z41-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB260
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-240.C
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VR
60
V
Working Peak Reverse Voltage
VRWM
60
V
Repetitive Peak Reverse Voltage
VRRM
60
V
RMS Reverse Voltage
VR(RMS)
42
V
Average Rectified Output Current (TA=25°C) (Note 1)
IO
2.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
(JEDEC Method)
IFSM
50
A
Operating Junction Temperature
TJ
-55~+125
°C
Storage Temperature
TSTG
-55~+125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
50
°C/W
ELECTRICAL CHARACTERISTICS (TA =25°C unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
PARAMETER
SYMBOL
TEST CONDITIONS MIN TYP MAX UNIT
Forward Voltage Drop
VFM
IF=2.0A
0.70
V
Peak Reverse Current at Rated DC Blocking Voltage
IRM
TA=25°C
0.5
mA
Junction Capacitance (Note 2)
CJ
190
pF
Notes: 1. Pulse width≤300μs, duty cycle≤2%.
2. Measured at 1.0MHz and applied reverse voltage of 5.0V DC.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com