Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB540G-SMC-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # SB540G-SMC-R
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SB540G-SMC-R Datasheet(HTML) 2 Page - Unisonic Technologies

  SB540G-SMC-R Datasheet HTML 1Page - Unisonic Technologies SB540G-SMC-R Datasheet HTML 2Page - Unisonic Technologies SB540G-SMC-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB540
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-186.F
ABSOLUTE MAXIMUM RATINGS (TA =25°C unless otherwise specified.)(Note 2)
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VR
40
V
Peak Repetitive Reverse Voltage
VRRM
40
V
Working Peak Reverse Voltage
VRWM
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Rectified Output Current
IO
5.0
A
Non-repetitive Peak Forward Surge Current 8.3 ms
Single Half-Sine-Wave
IFSM
150
A
SMB/SMC
3.7
Power Dissipation
DO-201AD
PD
5.0
W
Junction Temperature
TJ
-65 ~ +150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. These ratings are limiting values above which the serviceability of any semiconductor device may be
impaired.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SMB/SMC
75
Junction to Ambient (Note 3)
DO-201AD
θJA
40
°C/W
ELECTRICAL CHARACTERISTICS (TA =25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage (Note 1)
V(BR)R
IR=0.50mA
40
V
IF=5.0A, TJ=25°C
0.55
V
Forward Voltage Drop
VFM
IF=5.0A, TJ=100°C
0.50
V
VR=40V, TJ=25°C
0.50
mA
Leakage Current (Note 1)
IRM
VR=40V, TJ=100°C
50
mA
Notes: 1. Short duration pulse test used to minimize self-heating effect.
2. Thermal resistance junction to case mounted on heatsink.
3. 1 inch square pad size (1×0.5 inch for each lead ) on FR4 board.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com