Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF18GL-Z41-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # SF18GL-Z41-R
Description  GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SF18GL-Z41-R Datasheet(HTML) 3 Page - Unisonic Technologies

  SF18GL-Z41-R Datasheet HTML 1Page - Unisonic Technologies SF18GL-Z41-R Datasheet HTML 2Page - Unisonic Technologies SF18GL-Z41-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SF18G
DIODE
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R601-265-B
TYPICAL CHARACTERISTICS
Test Circuit Diagram And Reverse Recovery Time Characteristics
50Ω
NONINDUCTIVE
10Ω
NONINDUCTIVE
DUT
(+)
50 Vdc
(approx)
(-)
1Ω
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
(-)
(+)
PULSE
GENERATOR
(NOTE 2)
Notes: 1 Rise Time=7ns max. Input Impedance=1 megohm 22pF
2 Rise Time=10ns max. Source Impedance=50 ohms
+0.5A
0
-0.25A
-1.0A
trr
1cm
Set Time Base For
10/15ns/cm
Typical Forward Current Derating Curve
1.5
1.0
0.5
0
25
50 75 100 125 150 175
Ambient Temperature, TA (°C)
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
0.375"(9.5mm)
Lead Length
Typical Reverse Characteristics
1000
100
10
1
0.1
0
20
40
60
80
100 120 140
Percent of Rated Peak Reverse Voltage (%)
TA=25°C
TA=125°C
TA=150°C
Maximum Non-Repetitive Forward Surge Current
35
30
25
20
15
10
1
2
5
10
20
50
100
Number of Cycles At 60Hz
TA=25°C
8.3ms Single
Half Sine Wave
(JEDEC Method)
5
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com