Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK56G-SMC-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SK56G-SMC-R
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK56G-SMC-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SK56G-SMC-R Datasheet HTML 1Page - Unisonic Technologies SK56G-SMC-R Datasheet HTML 2Page - Unisonic Technologies SK56G-SMC-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SK56
Preliminary
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R202-036.a
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIER
DESCRIPTION
The UTC SK56 is a surface mount schottky barrier rectifier, it uses
UTC’s advanced technology to provide customers with high efficiency,
etc.
The UTC SK56 is suitable for low voltage high frequency inverters,
free wheeling and polarity protection applications.
FEATURES
* Low power loss
* High efficiency
* High surge capacity
SMC
+
-
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
Packing
SK56L-SMC-R
SK56G-SMC-R
SMC
K
A
Tape Reel
Note: Pin Assignment: A: Anode
K: Cathode
SK56L-SMC-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) SMC: SMC
(3) L: Lead Free, G: Halogen Free and Lead Free
(3)Green Package
MARKING
Date Code
Cathode Band for
uni-directional Only
UTC
SK56
L: Lead Free
G: Halogen Free


Similar Part No. - SK56G-SMC-R

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SK56 PANJIT-SK56 Datasheet
73Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE- 20 to 100 Volts CURRENT- 5.0 Amperes)
logo
Micro Commercial Compon...
SK56 MCC-SK56 Datasheet
93Kb / 3P
5 Amp Schottky Rectifier 20 to 100 Volts
logo
Diotec Semiconductor
SK56 DIOTEC-SK56 Datasheet
54Kb / 2P
Surface Mount Schottky-Rectifiers
SK56 DIOTEC-SK56 Datasheet
100Kb / 2P
Surface Mount Schottky Rectifier Diodes
logo
Won-Top Electronics
SK56 WTE-SK56 Datasheet
45Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SK56G-SMC-R

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com