Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF2000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GF2000
Description  Ambient and accelerated cure schedules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GF2000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GF2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers GF2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Gap Filler 2000 is a high performance,
thermally conductive, liquid gap filling
material supplied as a two-component, room
or elevated temperature curing system.The
material provides a balance of cured
material properties and good compression
set (memory).The result is a soft, form-in-
place elastomer ideal for coupling “hot”
electronic components mounted on PC
boards with an adjacent metal case or heat
sink. Before cure, it flows under pressure
like grease.After cure, it won’t pump from the
interface as a result of thermal cycling and is
dry to the touch.
Unlike cured Gap Filling materials, the liquid
approach offers infinite thickness with little or
no stress during displacement and assembly.
It also eliminates the need for specific pad
thickness and die-cut shapes for individual
applications.
Gap Filler 2000 is intended for use in
thermal interface applications when a strong
structural bond is not required. As cured,
Gap Filler 2000 is formulated to have pliable
low-modulus, properties.
Note: To build a part number, visit our
website at www.bergquistcompany.com.
Gap Filler 2000 (Two-Part)
TYPICAL APPLICATIONS INCLUDE
• Automotive electronics
• Telecommunications
• Computer and peripherals
• Thermally conductive vibration dampening
• Between any heat-generating semiconductor and a heat sink
CONFIGURATIONS AVAILABLE
• Supplied in cartridge and kit form
PDS_GF_2000_0913
FEATURES AND BENEFITS
• Thermal conductivity: 2.0 W/m-K
• Ultra-conforming, designed for fragile
and low-stress applications
• Ambient and accelerated cure schedules
• 100% solids – no cure by-products
• Excellent low and high temperature
mechanical and chemical stability
PRODUCT DESCRIPTION
Thermally Conductive, Liquid
Gap Filling Material
September 2013
PROPERTY
IMPERIAL VALUE
METRIC VALUE
TEST METHOD
Color / Part A
Pink
Pink
Visual
Color / Part B
White
White
—
Viscosity as Mixed (cps)(1)
300,000
300,000
ASTM D2196
Density (g/cc)
2.9
2.9
ASTM D792
Mix Ratio
1:1
1:1
—
Shelf Life @ 25°C (months)
6
6
—
PROPERTY AS CURED
Color
Pink
Pink
Visual
Hardness (Shore 00)(2)
70
70
ASTM D2240
Heat Capacity (J/g-K)
1.0
1.0
ASTM D1269
Continuous Use Temp (°F) / (°C)
-76 to 392
-60 to 200
—
ELECTRICAL AS CURED
Dielectric Strength (V/ml)
500
500
ASTM D149
Dielectric Constant (1000 Hz)
7
7
ASTM D150
Volume Resistivity (Ohm-meter)
1011
1011
ASTM D257
Flame Rating
V-O
V-O
U.L. 94
THERMAL AS CURED
Thermal Conductivity (W/m-K)
2.0
2.0
ASTM D5470
CURE SCHEDULE
SCHEDULE 1
SCHEDULE 2
SCHEDULE 3
Pot Life @ 25°C (3)
15 min
60 min
600 min (10 hr)
Cure @ 25°C (4)
1-2 hours
3-4 hours
3 days
Cure @ 100°C (4)
5 min
15 min
1 hour
1) Brookfield RV,Heli-Path,Spindle TF @ 20 rpm, 25°C.
2) Thirty second delay value Shore 00 hardness scale.
3) Time for viscosity to double.
4) Cure schedule (rheometer - time to read 90% cure)
TYPICAL PROPERTIES OF GAP FILLER 2000


Similar Part No. - GF2000

ManufacturerPart #DatasheetDescription
logo
LEDTRONICS, INC
GF200 LEDTRONICS-GF200 Datasheet
4Mb / 28P
Miniature Based LED Lamps
GF200-0AG-006B LEDTRONICS-GF200-0AG-006B Datasheet
4Mb / 28P
Miniature Based LED Lamps
GF200-0AG-014B LEDTRONICS-GF200-0AG-014B Datasheet
4Mb / 28P
Miniature Based LED Lamps
GF200-0AG-024B LEDTRONICS-GF200-0AG-024B Datasheet
4Mb / 28P
Miniature Based LED Lamps
GF200-0AG-028B LEDTRONICS-GF200-0AG-028B Datasheet
4Mb / 28P
Miniature Based LED Lamps
More results

Similar Description - GF2000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44000 MAXIM-MAX44000 Datasheet
1Mb / 24P
Ambient and Infrared Proximity Sensor
Rev 0; 10/11
logo
OSRAM GmbH
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
Ambient Light and Proximity Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9930 AVAGO-APDS-9930 Datasheet
1Mb / 34P
Digital Proximity and Ambient Light Sensor
APDS-9901 AVAGO-APDS-9901 Datasheet
1Mb / 28P
Digital Proximity and Ambient Light Sensor
logo
List of Unclassifed Man...
GF1000 ETC2-GF1000 Datasheet
307Kb / 2P
Ambient and accelerated cure schedules
GF1100SF ETC2-GF1100SF Datasheet
244Kb / 2P
Ambient and accelerated cure schedules
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
Ambient Light and Proximity Sensor
SFH-7771 OSRAM-SFH-7771 Datasheet
1Mb / 30P
Ambient Light and Proximity Sensor
logo
3M Electronics
5200 3M-5200 Datasheet
49Kb / 5P
Marine Adhesive/Sealant Fast Cure 5200
logo
T-Global Technology
TG-LH-FBPE-80F TGLOBAL-TG-LH-FBPE-80F Datasheet
596Kb / 1P
Fast Cure Flexible Black Potting Epoxy
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com