Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP-HC3.0 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GP-HC3.0
Description  Thermal Conductivity: 3.0 W/m-K
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GP-HC3.0 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GP-HC3.0 Datasheet HTML 1Page - List of Unclassifed Manufacturers GP-HC3.0 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Gap Pad® HC 3.0 is a soft and compliant
gap filling material with a thermal
conductivity of 3.0 W/m-K. The material
offers exceptional thermal performance at
low pressures due to a unique 3.0 W/m-K
filler package and low-modulus resin
formulation. The enhanced material is
ideal for applications requiring low stress
on components and boards during
assembly. Gap Pad® HC 3.0 maintains a
conformable nature that allows for quick
recovery and excellent wet-out
characteristics, even to surfaces with high
roughness and/or topography.
Gap Pad® HC 3.0 is offered with natural
inherent tack on both sides of the material,
eliminating the need for thermally-
impeding adhesive layers. The top side
has minimal tack for ease of handling.
Gap Pad® HC 3.0 is supplied with
protective liners on both sides.
Note: To build a part number, visit our
website at www.bergquistcompany.com.
Gap Pad® HC 3.0
TYPICAL APPLICATIONS INCLUDE
• Telecommunications
• ASICs and DSPs
• Consumer electronics
• Thermal modules to heat sinks
CONFIGURATIONS AVAILABLE
• Sheet form and die-cut parts
PDS_GP_HC 3_0415
FEATURES AND BENEFITS
• Thermal Conductivity: 3.0 W/m-K
• High-compliance, low compression stress
• Fiberglass reinforced for shear and
tear resistance
PRODUCT DESCRIPTION
High-Compliance, Thermally Conductive,
Low Modulus Material
April 2015
PROPERTY
IMPERIAL VALUE
METRIC VALUE
TEST METHOD
Color
Blue
Blue
Visual
Reinforcement Carrier
Fiberglass
Fiberglass
—
Thickness (inch) / (mm)
0.020 to 0.125
0.508 to 3.175
ASTM D374
Inherent Surface Tack
2
2
—
Density (Bulk Rubber) (g/cc)
3.1
3.1
ASTM D792
Heat Capacity (J/g-K)
1.0
1.0
ASTM E1269
Hardness (Bulk Rubber) (Shore 00) (4)
15
15
ASTM D2240
Young's Modulus (psi) / (kPa) (1)
16
110
ASTM D575
Typical UseTemp (°F) / (°C)
-76 to 392
-60 to 200
—
ELECTRICAL
Dielectric BreakdownVoltage (Vac) (3)
5000
5000
ASTM D149
Dielectric Constant (1000 Hz)
6.5
6.5
ASTM D150
Volume Resistivity (Ohm-meter)
1010
1010
ASTM D257
Flame Rating
V-O
V-O
U.L. 94
THERMAL
Thermal Conductivity (W/m-K) (2)
3.0
3.0
ASTM D5470
THERMAL PERFORMANCE vs. STRAIN
Deflection (% strain)
10
20
30
Thermal Impedance (°C-in2/W) 0.040" (2)
0.57
0.49
0.44
1) Young’s Modulus, calculated using 0.01 in/min. step rate of strain with a sample size of 0.79 inch2 after 5 minutes of
compression at 10% strain on a 1mm thickness material.
2) The ASTM D5470 test fixture was used. The recorded value includes interfacial thermal resistance. These values are
provided for reference only. Actual application performance is directly related to the surface roughness, flatness and
pressure applied.
3) Minimum value at 20 mil.
4) Thirty second delay value on Shore 00 hardness scale.
TYPICAL PROPERTIES OF GAP PAD HC 3.0
.25
.50
.75
1.00
1.25
1.50 1.75 2.00
140
120
100
80
60
40
20
0
Thickness vs. Thermal Resistance
Gap Pad HC 3.0
Thermal Resistance (C-in2/W)


Similar Part No. - GP-HC3.0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP-HC1000 ETC2-GP-HC1000 Datasheet
482Kb / 2P
Thermal conductivity: 1.0 W/m-K
More results

Similar Description - GP-HC3.0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP-3500ULM ETC2-GP-3500ULM Datasheet
368Kb / 2P
Thermal Conductivity: 3.5 W/m-K
GP-A2000 ETC2-GP-A2000 Datasheet
366Kb / 2P
Thermal conductivity: 2.0 W/m-K
GP-A3000 ETC2-GP-A3000 Datasheet
480Kb / 2P
Thermal conductivity: 2.6 W/m-K
GP-EMI1.0 ETC2-GP-EMI1.0 Datasheet
589Kb / 2P
Thermal Conductivity: 1.0 W/m-K
GP-HC1000 ETC2-GP-HC1000 Datasheet
482Kb / 2P
Thermal conductivity: 1.0 W/m-K
GP-VO ETC2-GP-VO Datasheet
439Kb / 2P
Thermal conductivity: 0.8 W/m-K
GP-VOSOFT ETC2-GP-VOSOFT Datasheet
475Kb / 2P
Thermal conductivity: 0.8 W/m-K
GP-VOULTRASOFT-B ETC2-GP-VOULTRASOFT-B Datasheet
376Kb / 2P
Thermal conductivity: 1.0 W/m-K
SP-2000 ETC2-SP-2000 Datasheet
398Kb / 2P
High thermal conductivity: 3.5 W/m-K
SP-A2000 ETC2-SP-A2000 Datasheet
396Kb / 2P
High thermal conductivity: 3.0 W/m-K
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com